Electronic Components Datasheet Search
  English  ▼

X  

ICS844051I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS844051I
Description  FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844051I Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS844051I Datasheet HTML 3Page - Integrated Circuit Systems ICS844051I Datasheet HTML 4Page - Integrated Circuit Systems ICS844051I Datasheet HTML 5Page - Integrated Circuit Systems ICS844051I Datasheet HTML 6Page - Integrated Circuit Systems ICS844051I Datasheet HTML 7Page - Integrated Circuit Systems ICS844051I Datasheet HTML 8Page - Integrated Circuit Systems ICS844051I Datasheet HTML 9Page - Integrated Circuit Systems ICS844051I Datasheet HTML 10Page - Integrated Circuit Systems ICS844051I Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
844051CGI
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 23, 2005
7
Integrated
Circuit
Systems, Inc.
ICS844051I
FEMTOCLOCKS™ CRYSTAL-TO- LVDS
CLOCK GENERATOR
PRELIMINARY
APPLICATION INFORMATION
Figure 2. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
The ICS844051I has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 2 below were determined using a 25MHz, 18pF parallel
resonant crystal and were chosen to minimize the ppm error.
The optimum C1 and C2 values can be slightly adjusted for dif-
ferent board layouts.
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS844051I provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD and VDDA should
be
individually
connected
to
the
power
supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 1 illustrates how
a 10
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
DDA pin. The 10Ω
resistor can also be replaced by a ferrite bead.
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V or 2.5V
.01
μF
V
DD
C1
X1
Crystal
C2
XTAL_IN
XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com