Electronic Components Datasheet Search
  English  ▼

X  

ICS844071I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS844071I
Description  FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844071I Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS844071I Datasheet HTML 2Page - Integrated Circuit Systems ICS844071I Datasheet HTML 3Page - Integrated Circuit Systems ICS844071I Datasheet HTML 4Page - Integrated Circuit Systems ICS844071I Datasheet HTML 5Page - Integrated Circuit Systems ICS844071I Datasheet HTML 6Page - Integrated Circuit Systems ICS844071I Datasheet HTML 7Page - Integrated Circuit Systems ICS844071I Datasheet HTML 8Page - Integrated Circuit Systems ICS844071I Datasheet HTML 9Page - Integrated Circuit Systems ICS844071I Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
844071AGI
www.icst.com/products/hiperclocks.html
REV. A JULY 13, 2005
7
Integrated
Circuit
Systems, Inc.
ICS844071I
FEMTOCLOCKS™CRYSTAL-TO- LVDS
CLOCK GENERATOR
PRELIMINARY
3.3V, 2.5V LVDS DRIVER TERMINATION
A general LVDS interface is shown in
Figure 3. In a 100
Ω
differential transmission line environment, LVDS drivers
require a matched load termination of 100
Ω across near
FIGURE 3. TYPICAL LVDS DRIVER TERMINATION
the receiver input. For a multiple LVDS outputs buffer, if only
partial outputs are used, it is recommended to terminate the
un-used outputs.
2.5V or 3.3V
+
-
VDD
100 Ohm Differential Transmission Line
R1
100
LVDS_Driv er
Figure 2. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
The ICS844071I has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 2 below were determined using a 25MHz, 18pF parallel
resonant crystal and were chosen to minimize the ppm error.
The optimum C1 and C2 values can be slightly adjusted for dif-
ferent board layouts.
C1
22p
X1
18pF Parallel Crystal
C2
33p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com