Electronic Components Datasheet Search
  English  ▼

X  

ICS8312I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8312I
Description  LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8312I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8312I Datasheet HTML 1Page - Integrated Circuit Systems ICS8312I Datasheet HTML 2Page - Integrated Circuit Systems ICS8312I Datasheet HTML 3Page - Integrated Circuit Systems ICS8312I Datasheet HTML 4Page - Integrated Circuit Systems ICS8312I Datasheet HTML 5Page - Integrated Circuit Systems ICS8312I Datasheet HTML 6Page - Integrated Circuit Systems ICS8312I Datasheet HTML 7Page - Integrated Circuit Systems ICS8312I Datasheet HTML 8Page - Integrated Circuit Systems ICS8312I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
8312AYI
http://www.icst.com/products/hiperclocks.html
REV. A OCTOBER 23, 2003
1
Integrated
Circuit
Systems, Inc.
ICS8312I
LOW SKEW, 1-TO-12
LVCMOS / LVTTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8312I is a low skew, 1-to-12 LVCMOS /
LVTTL Fanout Buffer and a member of the
HiPerClockS™family of High Performance Clock
Solutions from ICS. The ICS8312I single ended
clock input accepts LVCMOS or LVTTL input lev-
els. The low impedance LVCMOS outputs are designed to
drive 50
Ω series or parallel terminated transmission lines.The
effective fanout can be increased from 12 to 24 by utilizing
the ability of the outputs to drive two series terminated lines.
The ICS8312I is characterized at full 3.3V, 2.5V, and 1.8V, or
mixed 3.3V core/2.5V, 3.3V core/1.8V and 2.5V core/1.8V out-
put operating supply modes. Guaranteed output and part-to-
part skew characteristics along with the 1.8V output capa-
bilities makes the ICS8312I ideal for high performance, single
ended applications that also require a limited output voltage.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 12 LVCMOS / LVTTL outputs
• LVCMOS / LVTTL clock input
• Maximum output frequency: 250MHz
• Output skew: 160ps (maximum)
• Operating supply modes: Core/Output
3.3V/3.3V
2.5V/2.5V
1.8V/1.8V
3.3V/2.5V
3.3V/1.8V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
HiPerClockS™
ICS
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q4
VDDO
Q5
GND
Q6
VDDO
Q7
GND
GND
VDD
CLK_EN
CLK
GND
OE
VDD
GND
ICS8312I
32-Lead LQFP
7mm x 7mm x 1.4mm body package
Y Pacakge
Top View
Q0:Q11
CLK_EN
CLK
OE
nD
Q
LE
12


Similar Part No. - ICS8312I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
logo
Integrated Device Techn...
ICS8312 IDT-ICS8312 Datasheet
1Mb / 18P
Maximum output frequency
logo
Integrated Circuit Syst...
ICS8312AY ICST-ICS8312AY Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8312AYLF ICST-ICS8312AYLF Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8312AYLFT ICST-ICS8312AYLFT Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
More results

Similar Description - ICS8312I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS83948I-147 ICST-ICS83948I-147 Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
logo
Integrated Device Techn...
8312 IDT-8312_15 Datasheet
295Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
8312I IDT-8312I_15 Datasheet
299Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
83948I IDT-83948I_16 Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
8312I RENESAS-8312I Datasheet
493Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com