Electronic Components Datasheet Search
  English  ▼

X  

ICS16857 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS16857
Description  DDR 14-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS16857 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS16857 Datasheet HTML 1Page - Integrated Circuit Systems ICS16857 Datasheet HTML 2Page - Integrated Circuit Systems ICS16857 Datasheet HTML 3Page - Integrated Circuit Systems ICS16857 Datasheet HTML 4Page - Integrated Circuit Systems ICS16857 Datasheet HTML 5Page - Integrated Circuit Systems ICS16857 Datasheet HTML 6Page - Integrated Circuit Systems ICS16857 Datasheet HTML 7Page - Integrated Circuit Systems ICS16857 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICSSSTV16857
Third party brands and names are the property of their respective owners.
Timing Requirements
(over recommended operating free-air temperature range, unless otherwise noted)
SYMBOL
PARAMETERS
VDD=2.5±0.2V
UNITS
MIN
TYP
MAX
fclock
Clock frequency
133
200
MHz
tPD
Clock to output time
1.1
2.4
2.8
ns
tRST
Reset to output time
3.1
5
ns
tSL
Output slew rate
1
1.5
4
V/ns
Setup time, fast slew rate
2, 4
Data before CK
D , CK#E
0.75
0.018
ns
tSU
Setup time, slow slew rate
3, 4
0.9
ns
Hold time, fast slew rate
2,4
Data after CK
D , CK#E
0.75
0.145
ns
Th
Hold time, slow slew rate
3, 4
0.9
ns
Notes:
1 - Guaranteed by design, not 100% tested in production.
2 - For data signal input slew rate =1V/ns.
4 - CLK, CLK# signals input slew rates are =1V/ns.
3 - For data signal input slew rate =0.5V/ns and < 1V/ns.
Sw itching Characteristics
(over recom m ended operating free-air tem perature range, unles s otherwis e noted)
SYMBOL
From
To
VDD=2.5±0.2V
UNITS
(Input)
(Output)
MIN
TYP
MAX
fclock
133
200
MHz
tPD
CLK, CLK#
Q
1.1
2.4
2.8
ns
tph1
RESET#
Q
3.1
5
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com