Electronic Components Datasheet Search
  English  ▼

X  

ICS18001 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS18001
Description  Low EMI Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS18001 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS18001 Datasheet HTML 1Page - Integrated Circuit Systems ICS18001 Datasheet HTML 2Page - Integrated Circuit Systems ICS18001 Datasheet HTML 3Page - Integrated Circuit Systems ICS18001 Datasheet HTML 4Page - Integrated Circuit Systems ICS18001 Datasheet HTML 5Page - Integrated Circuit Systems ICS18001 Datasheet HTML 6Page - Integrated Circuit Systems ICS18001 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LOW EMI CLOCK GENERATOR
ICS180-01
MDS 180-01 B
6
Revision 050405
Integrated Circ uit Systems l 52 5 Race Stre et, San Jose, CA 95 126 l te l (4 08) 297 -1 201 l
www.icst.com
Marking Diagram (ICS180M-01)
Marking Diagram (ICS180MI-01)
Marking Diagram (ICS180M-01LF)
Marking Diagram (ICS180MI-01LF)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. “L” or “LF” denotes Pb (lead) free package.
4. “I” denotes industrial temperature range.
5. Bottom marking: country of origin.
180M-01
######
YYWW
14
5
8
180MI-01
######
YYWW$$
14
5
8
180M01LF
######
YYWW
14
5
8
180MI01L
######
YYWW
14
5
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com