Electronic Components Datasheet Search
  English  ▼

X  

ICS844256 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS844256
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844256 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS844256 Datasheet HTML 5Page - Integrated Circuit Systems ICS844256 Datasheet HTML 6Page - Integrated Circuit Systems ICS844256 Datasheet HTML 7Page - Integrated Circuit Systems ICS844256 Datasheet HTML 8Page - Integrated Circuit Systems ICS844256 Datasheet HTML 9Page - Integrated Circuit Systems ICS844256 Datasheet HTML 10Page - Integrated Circuit Systems ICS844256 Datasheet HTML 11Page - Integrated Circuit Systems ICS844256 Datasheet HTML 12Page - Integrated Circuit Systems ICS844256 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
844256AM
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 29, 2005
10
Integrated
Circuit
Systems, Inc.
ICS844256
FEMTOCLOCKS™CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PRELIMINARY
3.3V, 2.5V LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 3. In a 100
Ω
differential transmission line environment, LVDS drivers
FIGURE 3. TYPICAL LVDS DRIVER TERMINATION
require a matched load termination of 100
Ω across near
the receiver input.
INPUTS:
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVDS
All unused LVDS output pairs can be either left floating or
terminated with 100
Ω across. If they are left floating, we
recommend that there is no trace attached.
2.5V or 3.3V
+
-
VDD
100 Ohm Differential Transmission Line
R1
100
LVDS_Driv er



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com