Electronic Components Datasheet Search
  English  ▼

X  

MAX77975 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77975
Description  High-Efficiency Single-Cell Switching Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77975 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77975 Datasheet HTML 17Page - Maxim Integrated Products MAX77975 Datasheet HTML 18Page - Maxim Integrated Products MAX77975 Datasheet HTML 19Page - Maxim Integrated Products MAX77975 Datasheet HTML 20Page - Maxim Integrated Products MAX77975 Datasheet HTML 21Page - Maxim Integrated Products MAX77975 Datasheet HTML 22Page - Maxim Integrated Products MAX77975 Datasheet HTML 23Page - Maxim Integrated Products MAX77975 Datasheet HTML 24Page - Maxim Integrated Products MAX77975 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Maxim Integrated │ 21
www.maximintegrated.com
Evaluates: MAX77975/MAX77976/
MAX77958
MAX77975/MAX77976
Evaluation Kits
MAX77976 EV Kit Bill of Materials (continued)
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
46
R10
—
1
CRCW04021M00FK
VISHAY DALE
1M
RESISTOR; 0402; 1M; 1%; 100PPM; 0.0625W; THICK FILM
47
R11, R36, R37, R45
—
4
CRCW04021K00FK;
RC0402FR-071KL;
MCR01MZPF1001
VISHAY DALE;
YAGEO PHICOMP;
ROHM SEMI
1K
RESISTOR; 0402; 1K; 1%; 100PPM; 0.0625W; THICK FILM
48
R12, R21
—
2
CRCW04022K20JN
VISHAY DALE
2.2K
RESISTOR; 0402; 2.2KΩ; 5%; 200PPM; 0.063W; METAL FILM
49
R17
—
1
CRCW04024752FK;
9C04021A4752FLHF3;
CRCW040247K5FK
VISHAY DALE;
YAGEO;
VISHAY DALE
47.5K
RESISTOR; 0402; 47.5K; 1%; 100PPM; 0.0625W; THICK FILM
50
R19, R20,
R23, R31, R41
—
5
CRCW0402100KFK;
RC0402FR-07100KL
VISHAY;YAGEO
100K
RESISTOR; 0402; 100K; 1%; 100PPM; 0.0625W; THICK FILM
51
R24, R38
—
2
CRCW040210R0FK;
9C04021A10R0FL
VISHAY DALE;YAGEO
10
RESISTOR; 0402; 10Ω; 1%; 100PPM; 0.0625W; THICK FILM
52
R25, R29
—
2
ERJ-2RKF5602
PANASONIC
56K
RESISTOR, 0402, 56KΩ, 1%, 100PPM, 0.0625W, THICK FILM
53
R26, R48
—
2
CRCW0402200KFK;
RF73H1ELTP2003
VISHAY DALE;
KOA SPEER
ELECTRONICS
200K
RESISTOR; 0402; 200K; 1%; 100PPM; 0.0625W; THICK FILM
54
R27, R28
—
2
CRCW04024K70FK;
MCR01MZPF4701
VISHAY DALE;
ROHM
SEMICONDUCTOR
4.7K
RESISTOR, 0402, 4.7KΩ, 1%, 100PPM, 0.0625W, THICK FILM
55
R30
—
1
CRCW0402169KFK
VISHAY DALE
169K
RESISTOR; 0402; 169KΩ; 1%; 100PPM; 0.063W; THICK FILM
56
R35
—
1
CRCW0402470RFK
VISHAY DALE
470
RESISTOR, 0402, 470Ω, 1%, 100PPM, 0.0625W, THICK FILM
57
R39, R40
—
2
CRCW04025K10FK
VISHAY DALE
5.1K
RESISTOR; 0402; 5.1K; 1%; 100PPM; 0.0625W; THICK FILM
58
R43
—
1
3296Y-1-104LF
BOURNS
100K
RESISTOR; THROUGH HOLE-RADIAL LEAD; 3296 SERIES;
100KΩ; 10%; 100PPM; 0.5W
59
R49, R50, R59, R60
—
4
CRCW06030000Z0EAHP
VISHAY DRALORIC
0
RESISTOR; 0603; 0Ω; 0%; JUMPER; 0.25W; THICK FILM
60
R51, R52
—
2
CRCW04021R00FK
VISHAY DALE
1
RESISTOR, 0402, 1Ω, 1%, 100PPM, 0.0625W, THICK FILM
61
R55, R57
—
2
CRCW04022K20FK;
RC0402FR-072K2L
VISHAY DALE;
YAGEO PHICOMP
2.2K
RESISTOR, 0402, 2.2KΩ, 1%, 100PPM, 0.0625W, THICK FILM
62
R66, R67
—
2
CRCW0402330KFK
VISHAY DALE
330K
RESISTOR, 0402, 330KΩ, 1%, 100PPM, 0.0625W, THICK FILM
63
RT1
—
1
NTCG163JF103F
TDK
10K
THERMISTOR; SMT (0603); THICK FILM (NICKEL PLATED);
10K; TOL = ±1%
64
SW1
—
1
CL-SB-22C-02
COPAL
ELECTRONICS INC.
CL-SB-22C-02
SWITCH; DPDT; THROUGH HOLE; 12V; 0.2A; ON-ON;
RCOIL = 0.05Ω; RINSULATION = 10MΩ;
COPAL ELECTRONICS INC.; -40°C TO +85°C
65
SW2
—
1
EVQ-Q2K03W
PANASONIC
EVQ-Q2K03W
SWITCH; SPST; SMT; 15V; 0.02A; LIGHT TOUCH SWITCH;
RCOIL = Ω; RINSULATION = Ω; PANASONIC
66
U1
—
1
MAX77976
MAXIM
MAX77976
EVKIT PART - IC; MAX77976; 19V INPUT; 5.5A BUCK
CHARGER FOR 1S LI-ION BATTERY; PACK; PACKAGE OUTLINE
DRAWING 21-100411; LAND PATTERN DRAWING: 90-100145;
PACKAGE CODE: F234A4F-1 FCQFN32
67
U2
—
1
FT2232HL
FUTURE TECHNOLOGY
DEVICES INTL LTD.
FT2232HL
IC; MMRY; DUAL HIGH SPEED USB TO MULTIPURPOSE
UART/FIFO; LQFP64
68
U3
—
1
TCK402G
TOSHIBA
TCK402G
IC; ASW; CMOS LINEAR INTEGRATED CIRCUIT SILICON
MONOLITHIC; WLCSP6
69
U4
—
1
MAX14611ETD+
MAXIM
MAX14611ETD+
IC; TRANS; QUAD BIDIRECTIONAL LOW-VOLTAGE LOGIC LEVEL
TRANSLATOR; TDFN14-EP
70
U5, U6
—
2
MAX8512EXK+
MAXIM
MAX8512EXK
IC, VREG, Ultra-Low-Noise, High PSRR, Adjustable Vout, SC70-5
71
U7
—
1
MAX77958EWV+T
MAXIM
MAX77958EWV+T
EVKIT PART - IC; USB TYPE-C AND USB PD CONTROLLER;
WLP30; 0.5MM PITCH; PACKAGE OUTLINE: 21-0069;
PACKAGE CODE: W302A3+2
72
Y1
—
1
7M-12.000MAAJ
TXC
CORPORATION
12MHZ
CRYSTAL; SMT; 18PF; 12MHZ; ±30PPM; ±30PPM
73
PCB
—
1
MAX77976
MAXIM
PCB
PCB:MAX77976
74
D2
DNP
0
ESD9X3.3ST5G
ON SEMICONDUCTOR
3.3V
DIODE; TVS; SMT (SOD-923); VRM = 3.3V; IPP = 9.8A
75
R3
DNP
0
N/A
N/A
OPEN
RESISTOR; 0402; OPEN; FORMFACTOR
TOTAL
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com