Electronic Components Datasheet Search
  English  ▼

X  

MAX77958 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77958
Description  High Voltage VBUS Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77958 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77958 Datasheet HTML 1Page - Maxim Integrated Products MAX77958 Datasheet HTML 2Page - Maxim Integrated Products MAX77958 Datasheet HTML 3Page - Maxim Integrated Products MAX77958 Datasheet HTML 4Page - Maxim Integrated Products MAX77958 Datasheet HTML 5Page - Maxim Integrated Products MAX77958 Datasheet HTML 6Page - Maxim Integrated Products MAX77958 Datasheet HTML 7Page - Maxim Integrated Products MAX77958 Datasheet HTML 8Page - Maxim Integrated Products MAX77958 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77958, MAX77962
MAX77958 Evaluation Kit with 2S
Li+ 3AOUT Buck-Boost Charger
Table 1. Acronyms
Table 2. Jumper Descriptions and Default Positions
BC1.2
Battery Charging 1.2
CC
Configuration Channel
CDP
Charging Downstream Port
DCP
Dedicated Charging Port
DFP
Downstream Facing Port
EV kit
Evaluation kit
GPIO
General Purpose Input/Output
GUI
Graphical User Interface
I2C
Inter Integrated Circuit
IC
Integrated Circuit
MAXUSB
USB to I2C translator
MTP
Multiple Time Programmable
OVP
Over Voltage Protection
PCB
Printed Circuit Board
PD
Power Delivery
PDO
Power Data Object
PPS
Programmable Power Supply
SDP
Standard Downstream Port
UFP
Upstream Facing Port
USB
Universal Serial Bus
VDM
Vendor Defined Message
DESCRIPTION
JUMPER
NUMBER
DEFAULT
POSITION
FUNCTION
VIO1 and VIO2
Connection
J2
Short 2-3
1-2 VIO1 is powered by the charger’s PVL
2-3 VIO1 is powered by the VCC1P8 LDO from the MAXUSB
J19
Open
1-2 VIO2 is powered by the VCC3P3 LDO from the MAXUSB
2-3 VIO2 is powered by the AVL of the MAX77958
J33
Short 1-2
Open: VIO2 depends on the J19
Short: connect VIO1 with VIO2
J34
Short 1-2
Open to disconnect VIO1 from the MAX77958
J35
Short 1-2
Open to disconnect VIO2 from the MAX77958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com