Electronic Components Datasheet Search
  English  ▼

X  

MAX77863 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77863
Description  USB-to-I2C Converter Allows for Easy Communication
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77863 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77863 Datasheet HTML 1Page - Maxim Integrated Products MAX77863 Datasheet HTML 2Page - Maxim Integrated Products MAX77863 Datasheet HTML 3Page - Maxim Integrated Products MAX77863 Datasheet HTML 4Page - Maxim Integrated Products MAX77863 Datasheet HTML 5Page - Maxim Integrated Products MAX77863 Datasheet HTML 6Page - Maxim Integrated Products MAX77863 Datasheet HTML 7Page - Maxim Integrated Products MAX77863 Datasheet HTML 8Page - Maxim Integrated Products MAX77863 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77863
MAX77863 Evaluation Kit
EV Kit Features
Configuring the Buck Regulators
The IC features several different programmable options to
customize the behaviors of the four integrated buck regu-
lators during startup, operation, and shutdown. Figure 4
shows the portion of the GUI window that allows for con-
figuration of the buck regulators. Drag the slider and click
Write to change the output voltage. Other features of the
buck regulators which can be changed here include the
power modes, operating modes, and enabling/disabling
the active discharge resistors.
SD0 and SD1 also feature a software-controllable remote
sense which can be disabled here.
Configuring the LDOs
The IC features several different programmable options
to customize the behaviors of the nine integrated LDOs
during startup, operation, and shutdown. Figure 5 shows
the portion of the GUI window that allows for configuration
of the LDOs. Drag the slider and
Click write to change
the output voltage. Other features of the LDOs can also
be configured here such as the active discharge resistors
and soft-start slew rates.
Configuring the Flexible Power Sequencer
The IC features different power-up/down configurations
based on Maxim’s flexible power sequencer technology.
The power-up/down sequence must be configured prior
to any wake-up event and must be reconfigured after any
event which causes the registers to reset such as power-
down or undervoltage lockout.
To evaluate the device with a different power-up voltage,
use the following instructions:
1) Follow steps 2-8 of the Quick Start procedure. Do
not go to step 9.
2) Go to the “
FPS” section of the GUI and configure the
desired power-up/down sequence.
3) Press and hold SW1 for 1 second and monitor the
PMICs resources. The resources should power-up in
the new desired power-up sequence.
4) Press and hold SW1 for 3 seconds to initiate a
power-down and monitor the PMICs resources. The
resources should power-down in the new desired
power-down sequence.
5) Note that the power-down event resets the device’s
register settings. The power-up/down sequences
need to be rewritten again prior to power-up.
6) Different power-up/down sequences can be prepro-
grammed at the factory.
Figure 4. Step Down Configuration Portion of the EV Kit GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com