Electronic Components Datasheet Search
  English  ▼

X  

ICS852911I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS852911I
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS852911I Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS852911I Datasheet HTML 3Page - Integrated Circuit Systems ICS852911I Datasheet HTML 4Page - Integrated Circuit Systems ICS852911I Datasheet HTML 5Page - Integrated Circuit Systems ICS852911I Datasheet HTML 6Page - Integrated Circuit Systems ICS852911I Datasheet HTML 7Page - Integrated Circuit Systems ICS852911I Datasheet HTML 8Page - Integrated Circuit Systems ICS852911I Datasheet HTML 9Page - Integrated Circuit Systems ICS852911I Datasheet HTML 10Page - Integrated Circuit Systems ICS852911I Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Integrated
Circuit
Systems, Inc.
ICS852911I
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
852911AVI
www.icst.com/products/hiperclocks.html
REV. A MAY 23, 2005
7
FIGURE 2C. HIPERCLOCKS HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY 3.3V LVPECL DRIVER
FIGURE 2B. HIPERCLOCKS HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY 3.3V LVPECL DRIVER
FIGURE 2D. HIPERCLOCKS HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY 3.3V LVDS DRIVER
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
DIFFERENTIAL CLOCK INPUT INTERFACE
The HSTL_CLK/nHSTL_CLK accepts LVDS, LVPECL, HSTL,
SSTL, HCSL and other differential signals. Both V
SWING and
V
OH must meet the VPP and VCMR input requirements. Figures
2A to 2E show interface examples for the HiPerClockS
HSTL_CLK/nHSTL_CLK input driven by the most common
driver types. The input interfaces suggested here are examples
FIGURE 2A. HIPERCLOCKS HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY ICS HIPERCLOCKS HSTL
DRIVER
only. Please consult with the vendor of the driver component
to confirm the driver termination requirements. For example in
Figure 2A, the input termination applies for ICS HiPerClockS
HSTL drivers. If you are using an HSTL driver from another
vendor, use their termination recommendation.
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
FIGURE 2E. HIPERCLOCKS HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY 3.3V LVPECL DRIVER WITH
AC COUPLE
Zo = 50 Ohm
R3
125
HiPerClockS
CLK
nCLK
3.3V
R5
100 - 200
3.3V
R2
84
3.3V
R6
100 - 200
Input
R5,R6 locate near the driver pin.
Zo = 50 Ohm
R1
84
R4
125
C2
LVPECL
C1
Zo = 50 Ohm
R1
100
3.3V
LVDS_Driv er
Zo = 50 Ohm
Receiv er
CLK
nCLK
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com