Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX77751
Description  Up to 16V Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX77751 Datasheet HTML 1Page - Maxim Integrated Products MAX77751 Datasheet HTML 2Page - Maxim Integrated Products MAX77751 Datasheet HTML 3Page - Maxim Integrated Products MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX77751
MAX77751 Evaluation Kit
Quick Start
Required Equipment
● MAX77751 evaluation kit
● USB Type-C travel adapter and cable
● Power supply
● Battery/battery simulator/power supply with elec-
tronic load
● Oscilloscope
● Multi-meters
Initial Test Setup
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Do not turn on the DC power supplies until all con-
nections are made.
2) Confirm all jumpers are at their default positions as
indicated in Table 1 (J3 Open, J4 Open).
3) Connect the battery/battery simulator/power supply
to the loop labeled BATT and GND.
4) Connect the power supply to the loop labeled
CHGIN.
5) The EV kit is now ready for use.
Figure 2. Simplified Block Diagram
4.5V-14V/3A
BYP
SYS
0.47µH
2.2µF
2x
10µF
CC1
CC2
USB TYPE-C
CONNECTOR
CHGIN
LX
SYS
PGND
ENBST
BATT
ITOPOFF
PVL
GND
BST
10µF +
22µF
0.1µF
10µF
VSYS
INOKB
STAT
IFAST
DP
DN
VDD
3.15A
MAX77751
2.2µF
2.2µF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com