Electronic Components Datasheet Search
  English  ▼

X  

ICS853001 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853001
Description  1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853001 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853001 Datasheet HTML 1Page - Integrated Circuit Systems ICS853001 Datasheet HTML 2Page - Integrated Circuit Systems ICS853001 Datasheet HTML 3Page - Integrated Circuit Systems ICS853001 Datasheet HTML 4Page - Integrated Circuit Systems ICS853001 Datasheet HTML 5Page - Integrated Circuit Systems ICS853001 Datasheet HTML 6Page - Integrated Circuit Systems ICS853001 Datasheet HTML 7Page - Integrated Circuit Systems ICS853001 Datasheet HTML 8Page - Integrated Circuit Systems ICS853001 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
853001AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 29, 2005
1
Integrated
Circuit
Systems, Inc.
ICS853001
1:1, DIFFERENTIAL LVPECL-TO-
2.5V, 3.3V, 5V LVPECL/ECL BUFFER
GENERAL DESCRIPTION
The ICS853001 is a 1:1 Differential LVPECL-
to-LVPECL Buffer and a member of the
HiPerClock S ™family of High Perfor mance
Clock Solutions from ICS. The ICS853 001
may be used to regenerate LVPECL clocks which
may have been attenuated, across a long trace, or may also
be used as a differential-to-LVPECL translator. The differen-
tial input can accept the following differential input types:
LVPECL, LVDS and CML. The device also has an output en-
able pin for debug/test purposes. When the output is disabled,
it drives differential LOW (Q = LOW, nQ = HIGH). The
ICS853001 is packaged in either a 3mm x 3mm 8-pin TSSOP
or 3.9mm x 4.9mm 8-pin SOIC, making it ideal for use on
space-constrained boards.
FEATURES
• 1:1 Differential LVPECL-to-LVPECL / ECL buffer
• 1 LVPECL clock output pair
• 1 Differential LVPECL PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following
differential input levels: LVPECL, LVDS, CML
• Maximum output frequency: >2.5GHz
• Part-to-part skew: 100ps (maximum)
• Propagation delay: 500ps (maximum)
• Additive phase jitter, RMS: 0.03ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 5.25V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -5.25V to -2.375V
• -40°C to 85°C ambient operating temperature
• Lead-Free package RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS853001
8-Lead TSSOP, 118 mil
3mm x 3mm x 0.95mm package body
G Package
Top View
VCC
Q
nQ
VEE
1
2
3
4
HiPerClockS™
ICS
OE
PCLK
nPCLK
VBB
8
7
6
5
Q
nQ
OE
PCLK
nPCLK
V
BB
D Q
LE
ICS853001
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View


Similar Part No. - ICS853001

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
ICS853006AG ICST-ICS853006AG Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
ICS853006AGT ICST-ICS853006AGT Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
More results

Similar Description - ICS853001

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853013 ICST-ICS853013 Datasheet
218Kb / 17P
LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL FANOUT BUFFER
ICS853017 ICST-ICS853017 Datasheet
180Kb / 12P
QUAD, 1-TO-1 DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Micrel Semiconductor
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853017 IDT-ICS853017 Datasheet
289Kb / 15P
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com