Electronic Components Datasheet Search
  English  ▼

X  

MAX44290 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44290
Description  Accommodates Multiple Op Amp Configurations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44290 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44290 Datasheet HTML 1Page - Maxim Integrated Products MAX44290 Datasheet HTML 2Page - Maxim Integrated Products MAX44290 Datasheet HTML 3Page - Maxim Integrated Products MAX44290 Datasheet HTML 4Page - Maxim Integrated Products MAX44290 Datasheet HTML 5Page - Maxim Integrated Products MAX44290 Datasheet HTML 6Page - Maxim Integrated Products MAX44290 Datasheet HTML 7Page - Maxim Integrated Products MAX44290 Datasheet HTML 8Page - Maxim Integrated Products MAX44290 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluates: MAX44290
MAX44290 Evaluation Kit
General Description
The MAX44290 evaluation kit (EV kit) provides a proven
design to evaluate the MAX44290 low-offset, low-power,
rail-to-rail I/O operational amplifier in a 6-pin wafer-level
package (WLP). The EV kit circuit is preconfigured as
noninverting amplifiers, but can be adapted to other
topologies by changing a few components.
The EV kit comes with a MAX44290ANT+ installed.
Features
● Accommodates Multiple Op Amp Configurations
● Component Pads Allow for Sallen-Key Filter
● Accommodates Easy-to-Use Components
● Proven PCB Layout
● Fully Assembled and Tested
Quick Start
Required Equipment
● MAX44290 EV kit
● +1.8V to +5.5V, 10mA DC power supply
● Precision voltage source
● Digital multimeter
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Verify that all jumpers (JU1–JU3) are in their default
positions, as shown in Table 1.
2) Set the power supply to +5V. Connect the positive
terminal of the power supply to VDD and the negative
terminal to GND.
3) Connect the positive terminal of the precision voltage
source to INP. Connect the negative terminal of the
precision voltage source to GND. INM is already
connected to GND through jumper JU1.
4) Connect the DMM to monitor the voltage on OUT.
With the 10kΩ feedback resistors and 1kΩ series
resistors, the gain of the noninverting amplifier is
+11V/V.
5) Turn on the power supply.
6) Apply 100mV from the precision voltage sources.
Observe the output at OUT on the DMM that reads
approximately +1.1V.
19-8086; Rev 0; 11/15
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Ordering Information appears at end of data sheet.


Similar Part No. - MAX44290

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44291 MAXIM-MAX44291 Datasheet
605Kb / 12P
36V, Single/Dual/Quad, Low-Noise Amplifiers with Maximum 0.5關V/째C Offset Drift
19-7384; Rev 1; 5/15
MAX44291 MAXIM-MAX44291 Datasheet
734Kb / 8P
Accommodates Multiple Op Amp Configurations
19-7521; Rev 0; 2/15
MAX44291AUA+ MAXIM-MAX44291AUA+ Datasheet
605Kb / 12P
36V, Single/Dual/Quad, Low-Noise Amplifiers with Maximum 0.5關V/째C Offset Drift
19-7384; Rev 1; 5/15
MAX44291EVKIT MAXIM-MAX44291EVKIT Datasheet
734Kb / 8P
Accommodates Multiple Op Amp Configurations
19-7521; Rev 0; 2/15
MAX44291EVKIT# MAXIM-MAX44291EVKIT# Datasheet
734Kb / 8P
Accommodates Multiple Op Amp Configurations
19-7521; Rev 0; 2/15
More results

Similar Description - MAX44290

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9647EVKIT MAXIM-MAX9647EVKIT Datasheet
749Kb / 8P
Accommodates Multiple Configurations for the Comparator
Rev 0; 5/13
logo
M/A-COM Technology Solu...
MA4E20XX MA-COM-MA4E20XX Datasheet
751Kb / 4P
Multiple Configurations
logo
Maxim Integrated Produc...
MAX40111EVKIT MAXIM-MAX40111EVKIT Datasheet
910Kb / 8P
Accommodates Multiple Op Amp Configurations
319-100777; Rev 0; 6/21
MAX40110EVKIT MAXIM-MAX40110EVKIT Datasheet
770Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100782; Rev 0; 6/21
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40018EVKIT MAXIM-MAX40018EVKIT Datasheet
935Kb / 8P
Accommodates Multiple Op-Amp Configurations
319-100130; Rev 0; 1/18
MAX44291EVKIT MAXIM-MAX44291EVKIT Datasheet
734Kb / 8P
Accommodates Multiple Op Amp Configurations
19-7521; Rev 0; 2/15
MAX44260EVKIT MAXIM-MAX44260EVKIT Datasheet
1Mb / 7P
Accommodates Multiple Op-Amp Configurations
19-5904; Rev 0; 6/11
MAX44246EVKIT MAXIM-MAX44246EVKIT Datasheet
1Mb / 8P
Accommodates Multiple Op-Amp Configurations
19-6509; Rev 0; 12/12
MAX40242EVKIT MAXIM-MAX40242EVKIT Datasheet
1Mb / 7P
Accommodates Multiple Op-Amp Configurations
319-100285; Rev 0; 12/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com