Electronic Components Datasheet Search
  English  ▼

X  

MAX44285 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44285
Description  Precision Real-Time Current Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44285 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44285 Datasheet HTML 1Page - Maxim Integrated Products MAX44285 Datasheet HTML 2Page - Maxim Integrated Products MAX44285 Datasheet HTML 3Page - Maxim Integrated Products MAX44285 Datasheet HTML 4Page - Maxim Integrated Products MAX44285 Datasheet HTML 5Page - Maxim Integrated Products MAX44285 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Evaluates: MAX44285
MAX44285 Evaluation Kit
General Description
The MAX44285 evaluation kit (EV kit) provides a proven
design to evaluate the MAX44285 dual-channel, high-
precision, high-voltage, current-sense amplifier. This EV
kit demonstrates the MAX44285 in an ultra-small, 1mm x
2mm, 8-bump WLP package.
The EV kit PCB comes with a MAX44285TAWA+ installed,
which is the 20V/V gain version. Other gain options are
available. Contact the factory for the pin-compatible
MAX44285LAWA+ (G = 12.5V/V), MAX44285FAWA+
(G = 50V/V), and MAX44285HAWA+ (G = 100V/V).
EV Kit Contents
● MAX44285 EV Kit Board
Features and Benefits
● Precision Real-Time Current Monitoring
● +2.7V to +76V Input Common-Mode Range
● Proven PCB Layout
● Fully Assembled and Tested
Quick Start
Required Equipment
The following items are required for operation:
• MAX44285 EV kit
• +3.3V, 1A DC power supply
• +5V, 3A DC power supply
• An electronic load capable of sinking 3A
(i.e., HP6060B)
• Two digital voltmeters
Procedure
The MAX44285 EV kit is fully assembled and tested.
Follow the steps below to verify the board operation.
Caution: Do not turn on power supply or the electronic
load until all connections are made.
1) Connect the positive terminal of the +3.3V supply to
the VDD test point and the negative terminal of the
supply to the nearest GND test point.
2) Connect the positive terminal of the +5V supply to the
VSENSE+ test point and the negative terminal of the
supply to the nearest GND test point.
3) Set the electronic load to sink 2.5A.
4) Connect the positive terminal of the electronic load to
the VSENSE- test point and the negative terminal of
the supply to the nearest GND test point.
5) Connect the first voltmeter between test points RS1+
and RS1- to measure VSENSE1.
6) Connect the second voltmeter between VOUT1 and
the nearest GND test points.
7) Turn on the power supplies.
8) Enable the electronic load.
9) Verify that the first voltmeter displays 125mV and the
second voltmeter displays 2.5V.
10) Repeat the steps for the second current sense ampli-
fier using the VSENSE2+ and VSENSE2- test points
as the inputs and VOUT2 test point as the output.
19-7021; Rev 0; 7/14
Ordering Information appears at end of data sheet.


Similar Part No. - MAX44285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Analog Devices
MAX44285 AD-MAX44285 Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
Rev 4 4/16
logo
Maxim Integrated Produc...
MAX44285FAUA+ MAXIM-MAX44285FAUA+ Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Analog Devices
MAX44285FAUA+ AD-MAX44285FAUA+ Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
Rev 4 4/16
logo
Maxim Integrated Produc...
MAX44285FAWA+ MAXIM-MAX44285FAWA+ Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
More results

Similar Description - MAX44285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40201EVKIT MAXIM-MAX40201EVKIT Datasheet
602Kb / 6P
Precision Real-Time Current Monitoring
Rev 0; 3/17
MAX4374EVKIT MAXIM-MAX4374EVKIT Datasheet
120Kb / 5P
Precision Real-Time Current Monitoring
Rev 0; 4/09
MAX4173EVKIT MAXIM-MAX4173EVKIT Datasheet
109Kb / 4P
Real-Time Current Monitoring
Rev 0; 2/09
MAX4080EVKIT MAXIM-MAX4080EVKIT Datasheet
106Kb / 5P
Real-Time Current Monitoring
Rev 0; 12/07
MAX40056EVKIT MAXIM-MAX40056EVKIT Datasheet
659Kb / 7P
Precision Real-Time Current-Monitoring with Fault Detection
319-100264; Rev 1; 12/18
MAX40010EVKIT MAXIM-MAX40010EVKIT Datasheet
691Kb / 6P
Precision, Real-Time Current Monitoring
Rev 0; 10/16
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44298EVKIT MAXIM-MAX44298EVKIT Datasheet
4Mb / 14P
Precision Real-Time, Low-Side Current /Voltage/ Power Monitoring
19-7855; Rev 0; 11/15
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
MAX44284EVKIT MAXIM-MAX44284EVKIT Datasheet
290Kb / 6P
Precision Real-Time Current Monitoring
19-7018; Rev 0; 7/14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com