Electronic Components Datasheet Search
  English  ▼

X  

MAX40661 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40661
Description  Easy Electrical Evaluation of the MAX40661
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40661 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40661 Datasheet HTML 1Page - Maxim Integrated Products MAX40661 Datasheet HTML 2Page - Maxim Integrated Products MAX40661 Datasheet HTML 3Page - Maxim Integrated Products MAX40661 Datasheet HTML 4Page - Maxim Integrated Products MAX40661 Datasheet HTML 5Page - Maxim Integrated Products MAX40661 Datasheet HTML 6Page - Maxim Integrated Products MAX40661 Datasheet HTML 7Page - Maxim Integrated Products MAX40661 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX40661
MAX40661 Evaluation Kit
MAX40661 EV Kit Bill of Materials
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
1
C1, CIN1
-
2
C0402C101J5GAC;
NMC0402NPO101J;
CC0402JRNPO9BN101;
GRM1555C1H101JA01;
C1005C0G1H101J050BA;
CGA2B2C0G1H101J050BA
KEMET;NIC COMPONENTS
CORP.;
YAGEO
PHICOMP;MURATA;TDK;TDK
100PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 100PF; 50V; TOL=5%;
TG=-55 DEGC TO +125 DEGC; TC=C0G
2
C2
-
1
C0402X7R500-222KNE;
GRM155R71H222KA01
VENKEL LTD.;MURATA
2200PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 2200PF; 50V; TOL=10%;
TG=-55 DEGC TO +125 DEGC; TC=X7R
3
C3
-
1
C0402X5R100-105KNE;
GRM155R61A105KE15
VENKEL LTD.;MURATA
1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 1UF; 10V; TOL=10%;
MODEL=; TG=-55 DEGC TO +85 DEGC;
TC=X5R
4
C4, C6-C8
-
4
GRM155R61C104KA88
MURATA
0.1UF
CAPACITOR; SMT (0402);
CERAMIC; 0.1UF; 16V; TOL=10%;
MODEL=GRM SERIES; TG=-55 DEGC to
+85 DEGC; TC=X5R
5
C5
-
1
C0402X5R6R3-225MNP;
C0402C225M9PAC;
GRM155R60J225ME15;
JMK105BJ225MV
VENKEL;KEMET;MURATA;
TAIYO YUDEN
2.2UF
CAPACITOR; SMT; 0402;
CERAMIC; 2.2uF; 6.3V; 20%; X5R; -55degC
to + 85degC; 0 +/-15% degC MAX.
6
CD
-
1
CGA2B2NP01H080D050BA
TDK
8PF
CAP; SMT (0402); 8PF;
+/-0.5PF; 50V; C0G; CERAMIC CHIP
7
CIN2
-
1
CGA2B3X7R1H104K050BB;
C1005X7R1H104K050BB;
GRM155R71H104KE14;
GCM155R71H104KE02;
C1005X7R1H104K050BE;
UMK105B7104KV-FR;
CGA2B3X7R1H104K050BE
TDK;TDK;MURATA;MURATA;TDK;
TAIYO YUDEN;TDK
0.1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 0.1UF; 50V; TOL=10%;
TG=-55 DEGC TO +125 DEGC; TC=X7R
8
GND1, GND2,
VIN_SUPPLY
-
3
9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD;
WIRE; NATURAL; SOLID; WEICO WIRE;
SOFT DRAWN BUS TYPE-S; 20AWG
9
J1, J2
-
2
PCC03SAAN
SULLINS
PCC03SAAN
CONNECTOR; MALE;
THROUGH HOLE; BREAKAWAY; STRAIGHT
THROUGH; 3PINS; -65 DEGC TO +125
DEGC
10
J3, J5
-
2
131-3701-266
JOHNSON COMPONENTS
131-3701-266
CONNECTOR; MALE;
THROUGH HOLE; SMB JACK VERTICAL
PCB MOUNT; STRAIGHT; 5PINS
11
J4, J6, J7
-
3
32K243-40ML5
ROSENBERGER
32K243-40ML5
CONNECTOR; FEMALE; SMT;
SMA JACK PCB; RIGHT ANGLE; 2PINS
12
L1
-
1
BLM15BD601SN1
MURATA
600 INDUCTOR; SMT (0402);
FERRITE-BEAD; 600; TOL=+/-25%; 0.2A
13
MH1-MH4
-
4
P440.375
GENERIC PART
N/A
MACHINE SCREW; SLOTTED;
PAN; 4-40IN; 3/8IN; NYLON
14
MH1-MH4
-
4
1902B
GENERIC PART
N/A
STANDOFF; FEMALE-THREADED;
HEX; 4-40IN; 3/8IN; NYLON
15
R1, R2
-
2
CRCW04022K55FK
VISHAY DALE
2.55K
RESISTOR, 0402, 2.55K OHM,
1%, 100PPM, 0.0625W, THICK FILM
16
R4, RCL
-
2
ERJ-2GE0R00
PANASONIC
0 RESISTOR; 0402; 0 OHM; 0%;
JUMPER; 0.10W; THICK FILM
17
RT
-
1
TNPW040249R9BE;
RG1005P-49R9-B-T;
ERA-2AEB49R9
SUSUMU CO LTD.;
PANASONIC;VISHAY
49.9 RESISTOR; 0402; 49.9 OHM;
0.1%; 25PPM; 0.063W; THICK FILM
18
SU1, SU2
-
2
S1100-B;SX1100-B;
STC02SYAN
KYCON;KYCON;SULLINS
ELECTRONICS CORP.
SX1100-B
TEST POINT; JUMPER; STR;
TOTAL LENGTH=0.24IN; BLACK;
INSULATION=PBT;PHOSPHOR BRONZE
CONTACT=GOLD PLATED
19
U1
-
1
MAX40661ATB/VY+
MAXIM
MAX40661ATB/VY+
EVKIT PART - IC;
TRANSIMPEDANCE AMPLIFIER WITH 100
MILLI-AMPERE INPUT CURRENT CLAMP
FOR AUTOMOTIVE LIDAR; PACKAGE
OUTLINE DRAWING: 21-100317; PACKAGE
CODE: T1033Y+4C
20
PCB
-
1
MAX40661
MAXIM
PCB
PCB:MAX40661
-
21
C9, C12
DNP
0
C0402X5R100-105KNE;
GRM155R61A105KE15
VENKEL LTD.;MURATA
1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 1UF; 10V; TOL=10%;
MODEL=; TG=-55 DEGC TO +85 DEGC;
TC=X5R
22
C10
DNP
0
C0402C101J5GAC;
NMC0402NPO101J;
CC0402JRNPO9BN101;
GRM1555C1H101JA01;
C1005C0G1H101J050BA;
CGA2B2C0G1H101J050BA
KEMET;NIC COMPONENTS
CORP.;
YAGEO
PHICOMP;MURATA;TDK;TDK
100PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 100PF; 50V; TOL=5%; TG=-
55 DEGC TO +125 DEGC; TC=C0G
23
C11
DNP
0
C0402X7R500-222KNE;
GRM155R71H222KA01
VENKEL LTD.;MURATA
2200PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 2200PF; 50V; TOL=10%;
TG=-55 DEGC TO +125 DEGC; TC=X7R
24
R0
DNP
0
ERJ-2RKF1000
PANASONIC
100 RESISTOR; 0402; 100 OHM;
1%; 100PPM; 0.10W; THICK FILM
25
R3
DNP
0
ERJ-2GE0R00
PANASONIC
0 RESISTOR; 0402; 0 OHM; 0%;
JUMPER; 0.10W; THICK FILM
TOTAL
39



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com