Electronic Components Datasheet Search
  English  ▼

X  

MAX40660 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40660
Description  Easy Electrical Evaluation of the MAX40660
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40660 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40660 Datasheet HTML 1Page - Maxim Integrated Products MAX40660 Datasheet HTML 2Page - Maxim Integrated Products MAX40660 Datasheet HTML 3Page - Maxim Integrated Products MAX40660 Datasheet HTML 4Page - Maxim Integrated Products MAX40660 Datasheet HTML 5Page - Maxim Integrated Products MAX40660 Datasheet HTML 6Page - Maxim Integrated Products MAX40660 Datasheet HTML 7Page - Maxim Integrated Products MAX40660 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX40660
MAX40660 Evaluation Kit
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
C1, CIN1
—
2
C0402C101J5GAC;
NMC0402NPO101J;
CC0402JRNPO9BN101;
GRM1555C1H101JA01;
C1005C0G1H101J050BA;
CGA2B2C0G1H101J050BA
KEMET;
NIC COMPONENTS CORP.;
YAGEO PHICOMP;
MURATA;TDK;TDK
100PF
CAPACITOR; SMT (0402); CERAMIC CHIP; 100PF; 50V;
TOL = 5%; TG = -55°C TO +125°C; TC = C0G
2
C2
—
1
C0402X7R500-222KNE;
GRM155R71H222KA01
VENKEL LTD.;MURATA
2200PF
CAPACITOR; SMT (0402); CERAMIC CHIP; 2200PF; 50V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
3
C3
—
1
C0402X5R100-105KNE;
GRM155R61A105KE15
VENKEL LTD.;MURATA
1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 1UF; 10V;
TOL = 10%; MODEL =; TG = -55°C TO +85°C; TC = X5R
4
C4, C6-C8
—
4
GRM155R61C104KA88
MURATA
0.1UF
CAPACITOR; SMT (0402); CERAMIC; 0.1UF; 16V; TOL = 10%;
MODEL = GRM SERIES; TG = -55°C to +85°C; TC = X5R
5
C5
—
1
C0402X5R6R3-225MNP;
C0402C225M9PAC;
GRM155R60J225ME15;
\JMK105BJ225MV
VENKEL;KEMET;MURATA;
TAIYO YUDEN
2.2UF
CAPACITOR; SMT; 0402; CERAMIC; 2.2µF; 6.3V; 20%; X5R;
-55°C to + 85°C; 0 ±15% °C MAX.
6
CIN2
—
1
CGA2B3X7R1H104K050BB;
C1005X7R1H104K050BB;
GRM155R71H104KE14;
GCM155R71H104KE02;
C1005X7R1H104K050BE;
UMK105B7104KV-FR;
CGA2B3X7R1H104K050BE
TDK;TDK;MURATA;MURATA;
TDK;TAIYO YUDEN;TDK
0.1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.1UF; 50V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
7
GND1, GND2,
VIN_SUPPLY
—
3
9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD; WIRE; NATURAL; SOLID;
WEICO WIRE; SOFT DRAWN BUS TYPE-S; 20AWG
8
J1, J2
—
2
PCC03SAAN
SULLINS
PCC03SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT THROUGH; 3PINS; -65°C TO +125°C
9
J3, J5
—
2
131-3701-266
JOHNSON COMPONENTS
131-3701-266
CONNECTOR; MALE; THROUGH HOLE;
SMB JACK VERTICAL PCB MOUNT; STRAIGHT; 5PINS
10
J4, J6, J7
—
3
32K243-40ML5
ROSENBERGER
32K243-40ML5
CONNECTOR; FEMALE; SMT; SMA JACK PCB;
RIGHT ANGLE; 2PINS
11
L1
—
1
BLM15BD601SN1
MURATA
600
INDUCTOR; SMT (0402); FERRITE-BEAD; 600; TOL = ±25%; 0.2A
12
MH1-MH4
—
4
P440.375
GENERIC PART
N/A
MACHINE SCREW; SLOTTED; PAN; 4-40IN; 3/8IN; NYLON
13
MH1-MH4
—
4
1902B
GENERIC PART
N/A
STANDOFF; FEMALE-THREADED; HEX; 4-40IN; 3/8IN; NYLON
14
R1, R2
—
2
ERJ-2RKF1241
PANASONIC
1.24K
RESISTOR; 0402; 1.24K ; 1%; 100PPM; 0.10W; THICK FILM
15
R4, RCL
—
2
ERJ-2GE0R00
PANASONIC
0
RESISTOR; 0402; 0Ω; 0%; JUMPER; 0.10W; THICK FILM
16
RT
—
1
TNPW040249R9BE;
RG1005P-49R9-B-T;
ERA-2AEB49R9
SUSUMU CO LTD.;
PANASONIC;VISHAY
49.9
RESISTOR; 0402; 49.9Ω; 0.1%; 25PPM; 0.063W;
THICK FILM
17
SU1, SU2
—
2
S1100-B;SX1100-B;
STC02SYAN
KYCON;KYCON;
SULLINS ELECTRONICS CORP.
SX1100-B
TEST POINT; JUMPER; STR; TOTAL LENGTH = 0.24IN; BLACK;
INSULATION = PBT;PHOSPHOR BRONZE CONTACT = GOLD PLATED
18
U1
—
1
MAX40660ATB/VY+
MAXIM
MAX40660ATB/VY+
EVKIT PART - IC; TRANSIMPEDANCE AMPLIFIER WITH 100
MILLI-AMPERE INPUT CURRENT CLAMP FOR AUTOMOTIVE LIDAR;
PACKAGE OUTLINE DRAWING: 21-100317; PACKAGE CODE: T1033Y+4C
19
PCB
—
1
MAX40660
MAXIM
PCB
PCB:MAX40660
20
C9, C12
DNP
0
C0402X5R100-105KNE;
GRM155R61A105KE15
VENKEL LTD.;MURATA
1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 1µF; 10V; TOL = 10%;
MODEL = ; TG = -55°C TO +85°C; TC = X5R
21
C10
DNP
0
C0402C101J5GAC;
NMC0402NPO101J;
CC0402JRNPO9BN101;
GRM1555C1H101JA01;
C1005C0G1H101J050BA;
CGA2B2C0G1H101J050BA
KEMET;
NIC COMPONENTS CORP.;
YAGEO PHICOMP;
MURATA;TDK;TDK
100PF
CAPACITOR; SMT (0402); CERAMIC CHIP; 100PF; 50V;
TOL = 5%; TG = -55°C TO +125°C; TC = C0G
22
C11
DNP
0
C0402X7R500-222KNE;
GRM155R71H222KA01
VENKEL LTD.;MURATA
2200PF
CAPACITOR; SMT (0402); CERAMIC CHIP; 2200PF; 50V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
23
R0
DNP
0
ERJ-2RKF1000
PANASONIC
100
RESISTOR; 0402; 100 ; 1%; 100PPM; 0.10W; THICK FILM
24
R3
DNP
0
ERJ-2GE0R00
PANASONIC
0
RESISTOR; 0402; 0Ω; 0%; JUMPER; 0.10W; THICK FILM
25
CD
DNP
0
N/A
N/A
OPEN
PACKAGE OUTLINE 0402 NON-POLAR CAPACITOR
38
TOTAL
MAX40660 EV Kit Bill of Materials



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com