Electronic Components Datasheet Search
  English  ▼

X  

PSM58 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # PSM58
Description  Multiturn absolute encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PSM58 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  PSM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PSM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PSM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PSM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PSM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PSM58 Datasheet HTML 6Page - Pepperl+Fuchs Inc. PSM58 Datasheet HTML 7Page - Pepperl+Fuchs Inc. PSM58 Datasheet HTML 8Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PSM58
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
The arrangement of the terminals is shown in the section commissioning.
Connection
Terminal
Explanation
Ground connection for power supply
B (left)
Data line B (pair 1), Bus In
A (left)
Data line A (pair 1), Bus In
(-)
0 V
(+)
10 V ... 30 V
B (right)
Data line B (pair 2), Bus Out
A (right)
Data line A (pair 2), Bus Out
(-)
0 V
(+)
10 V ... 30 V
The supply lines only have to be connected once (regardless to which terminal). The
outgoing bus is being uncoupled while the terminal resistor is on.
Commissioning
Termination resistor
Supply voltage
RS 485 interface
Supply voltage
Bus IN
Data line A
Data line B
Bus Out
Data line A
Data line B
Addressing
ON
T
A
B
A
B
-
x10
x1
+-
+
8
7
2
6 5 4
3
0
9
1
8
7
2
6 5 4
3
0
9
1
R
Error indicator
LED red
Status indicator
LED green
Adjusting the participant address
The participant address can be adjusted with the rotary switches. The address can be defined between
1 and 99, and may only be assigned once.
Adjusting the termination resistor
The terminating resistor RT (220 ) can be connected to the circuit by means of
the switch:
x10
x10
x1
x1
8
7
2
6 5 4
3
0
9
1
8
7
2
6 5 4
3
0
9
1
ON
RT
ON
RT
OFF
OFF
participant X
last participant



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com