Electronic Components Datasheet Search
  English  ▼

X  

ICS853054 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS853054
Description  4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853054 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS853054 Datasheet HTML 6Page - Integrated Circuit Systems ICS853054 Datasheet HTML 7Page - Integrated Circuit Systems ICS853054 Datasheet HTML 8Page - Integrated Circuit Systems ICS853054 Datasheet HTML 9Page - Integrated Circuit Systems ICS853054 Datasheet HTML 10Page - Integrated Circuit Systems ICS853054 Datasheet HTML 11Page - Integrated Circuit Systems ICS853054 Datasheet HTML 12Page - Integrated Circuit Systems ICS853054 Datasheet HTML 13Page - Integrated Circuit Systems ICS853054 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Integrated
Circuit
Systems, Inc.
853054AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 5, 2006
10
ICS853054
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V
LVPECL/ECL CLOCK MULTIPLEXER
PRELIMINARY
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 4A and Figure 4B show examples of termination for
2.5V LVPECL driver. These terminations are equivalent to ter-
minating 50
Ω to V
CC - 2V. For VCC = 2.5V, the VCC - 2V is very
close to ground level. The R3 in Figure 4B can be eliminated
and the termination is shown in Figure 4C.
FIGURE 4C. 2.5V LVPECL TERMINATION EXAMPLE
FIGURE 4B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 4A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
Zo = 50 Ohm
R1
250
+
-
2.5V
2,5V LVPECL
Driv er
R4
62.5
R3
250
Zo = 50 Ohm
2.5V
VCC=2.5V
R1
50
R3
18
Zo = 50 Ohm
Zo = 50 Ohm
+
-
2,5V LVPECL
Driv er
VCC=2.5V
2.5V
R2
50
2,5V LVPECL
Driv er
VCC=2.5V
R1
50
R2
50
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com