Electronic Components Datasheet Search
  English  ▼

X  

MAX98396 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX98396
Description  Complete Hardware System with Easy Setup; No Tools or Special Equipment Required
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98396 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX98396 Datasheet HTML 1Page - Maxim Integrated Products MAX98396 Datasheet HTML 2Page - Maxim Integrated Products MAX98396 Datasheet HTML 3Page - Maxim Integrated Products MAX98396 Datasheet HTML 4Page - Maxim Integrated Products MAX98396 Datasheet HTML 5Page - Maxim Integrated Products MAX98396 Datasheet HTML 6Page - Maxim Integrated Products MAX98396 Datasheet HTML 7Page - Maxim Integrated Products MAX98396 Datasheet HTML 8Page - Maxim Integrated Products MAX98396 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX98396
MAX98396 Evaluation Kit
Communication Tool Bar
The
Communication tool bar consists of control buttons
and a drop-down menu to select the active I2C address.
These controls are always accessible, regardless of the
active tabbed page. The tool bar is shown in Figure 4.
Table 1 provides details about each control.
Connect Sequence
When the evaluation software starts for the first time, the
program automatically connects to the EV System and
attempts to connect to the USB control interface on the
AUDINT3 board. Once the AUDINT3 connection is estab-
lished, it searches for all I2C addresses associated with
the MAX98396 device and populates all detected device
addresses in the
Active Device drop-down list. During
this sequence, the text on the
Connect/Disconnect but-
ton automatically changes from
Connect to Disconnect,
and the status bar is also updated to reflect the current
state of the hardware connection. If properly connected,
“EV System Ready” should be displayed on the right side
of the status bar.
Once the EV System is properly connected, the button
displays
Disconnect and changes function. When clicked
on, the
Disconnect button disconnects the software from
the hardware. The software can also be disconnected
from the hardware by selecting
Device | Disconnect from
the menu bar.
There are two methods to reestablish a connection with
the hardware. The first is by selecting
Device | Connect
from the menu bar. This instructs the program to connect
to the EV system. The second method is to click on the
Connect button, after which the status bar (in the bottom
right corner) should display “EV System Ready” and the
button function changes to
Disconnect, showing that the
EV system is properly connected.
Status Bar
The Status bar is divided into five sections, from left to
right: status and alert messages, device part number and
revision ID, interface name and firmware version, EV sys-
tem connection status, and communication activity.
Figure 4. Communication Tool Bar
Table 1. Tool Bar Controls
CONTROL
FUNCTION
On
Sets the Global Enable bit (EN). This enables the device.
Off
Clears the Global Enable bit (EN). This disables the device.
Note: The software can communicate with a
disabled device as long as its I2C interface remains active.
Active Device
Provides a list of detected I2C addresses. The displayed address is the active device.
Connect/Disconnect
See the Connect Sequence section for additional details.
Detected addresses are shown in the Active Device drop-down list.
Connect
Connects the USB Control interface to the MAX98396 DEV board.
Disconnect
Disconnects the USB Control interface from the MAX98396 DEV board.
Read All
Initiate a read of all device registers. The
Control Registers tab and Block Diagram tab are
updated to reflect the read data.
Write All
Initiates a write to all device registers, using the settings shown on the
Control Registers tab.
Reset
Initiates a Soft Reset; resets all device registers to their power-on-reset (POR) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com