Electronic Components Datasheet Search
  English  ▼

X  

MAX98358 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX98358
Description  2.5V to 5.5V Single-Supply Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98358 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX98358 Datasheet HTML 1Page - Maxim Integrated Products MAX98358 Datasheet HTML 2Page - Maxim Integrated Products MAX98358 Datasheet HTML 3Page - Maxim Integrated Products MAX98358 Datasheet HTML 4Page - Maxim Integrated Products MAX98358 Datasheet HTML 5Page - Maxim Integrated Products MAX98358 Datasheet HTML 6Page - Maxim Integrated Products MAX98358 Datasheet HTML 7Page - Maxim Integrated Products MAX98358 Datasheet HTML 8Page - Maxim Integrated Products MAX98358 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX98358
MAX98358 Evaluation System
Shutdown Mode
The device features a low-power shutdown mode that is
activated by setting jumper SW1 to pins 2-3. To exit shut-
down mode, set SW1 to pins 1-2 and select the desired
stereo input channel using jumper JU2. See Table 3 for
shunt positions.
External/Internal VDDIO (+3.3V)
On the DEV board, a logic voltage from a control inter-
face is needed for proper selection of the stereo input
channel through SD_MODE. This voltage can be applied
externally at the VDDIO test point, or it can be provided
from circuitry on the AUDINT board. See Table 4 for shunt
positions.
Other logic voltages can be used other than +3.3V. If
you want to use other logic voltages, resistors R3 and
R4 must be adjusted. Refer to the SD_MODE Pin and
Shutdown Operation section in the MAX98358 IC data
sheet for more information.
External/Internal Input Supply (VDD)
The device can accept an input supply from +2.5V to
+5.5V. This voltage can be applied externally at the
VDD and GND PCB pads, or it can be provided from the
AUDINT board. See Table 5 for JU6 shunt positions.
Audio Interface Board (AUDINT Board)
The AUDINT board provides USB-to-I2S data conversion,
as well as DC regulators that can be used to power the
device. The USB-to-I2S converter on the AUDINT board
allows for any computer to become an I2S digital audio
source. This allows for a quick evaluation from a single
USB connection. Using the AUDINT board as a power
supply for high-power evaluation is not recommended as
the input current is limited. For high-power evaluation, use
an external supply connected to VIN.
PDM Generator Board (PDM GEN Board)
The PDM GEN board provides a seamless means to
convert an I2S data stream into a PDM data stream. The
PDM GEN board also has its own set of DC regulators so
that the system can be powered from a single 5V supply.
The PDM generator board must be powered externally at
+5V_TP.
Driving PDM Directly
To drive PDM directly, make sure that the sliders (SW300
and SW301) are in the disconnected position or the DEV
board is physically separated from the rest of the EV SYS.
Apply signals at the PDMINDAT and PDMINCLK test
points or between J3 pins 1-2 at the appropriate locations
(pin 1 is signal ground).
Table 4. JU4 Jumper Selection
Table 5. JU6 Jumper Selection
*Default position.
*Default position.
Table 3. SW1 Jumper Selection
*Default position.
SHUNT POSITION
LOGIC VOLTAGE (VDDIO)
1-2*
3.3V supplied by AUDINT board connected to the J1 header.
2-3
User-supplied external power supply applied at the VDDIO test point.
SHUNT POSITION
INPUT VOLTAGE (VIN)
Installed*
VDD supplied from the AUDINT board connected to J1 header.
Not installed
User-supplied external power supply applied at the VIN PCB pad.
SHUNT POSITION
VDDIO VOLTAGE
DEVICE OPERATION
1-2*
VDDIO determined by JU4 jumper position
Normal
(input channel selected
through JU2 setting)
2-3
Connected to GND
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com