Electronic Components Datasheet Search
  English  ▼

X  

ICS853111AY Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS853111AY
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111AY Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS853111AY Datasheet HTML 8Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 9Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 10Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 11Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 12Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 13Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 14Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 15Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
853111AY
www.icst.com/products/hiperclocks.html
REV. B MAY 14, 2004
12
Integrated
Circuit
Systems, Inc.
ICS853111A
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
SCHEMATIC EXAMPLE
This application note provides general design guide using
ICS853111A LVPECL buffer.
Figure 6 shows a schematic ex-
ample of the ICS853111A LVPECL clock buffer. In this example,
FIGURE 6. EXAMPLE ICS853111A LVPECL CLOCK OUTPUT BUFFER SCHEMATIC
the input is driven by an LVPECL driver. CLK_SEL is set at logic
low to select PCLK0/nPCLK0 input.
C4
0.1uF
C6 (Option)
0.1u
Zo = 50
R7
50
Zo = 50
R2
50
VCC
R1
50
VCC
VCC=3.3V
C7 (Option)
0.1u
R3
50
(U1-16)
U1
ICS853111
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
VCC
CLK_SEL
PCLK0
nPCLK0
VBB
PCLK1
nPCLK1
VEE
nQ6
Q6
nQ5
Q5
nQ4
Q4
nQ3
Q3
R4
1K
Zo = 50
C2
0.1uF
(U1-9)
R8
50
Zo = 50 Ohm
C8 (Option)
0.1u
+
-
C5
0.1uF
R10
50
R11
50
3.3V LVPECL
+
-
VCC
(U1-32)
R13
50
C1
0.1uF
Zo = 50 Ohm
R9
50
C3
0.1uF
(U1-25)
VCC
Zo = 50
(U1-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com