Electronic Components Datasheet Search
  English  ▼

X  

MAX98357 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX98357
Description  MAX98357 Development Board/ Evaluation System (WLP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98357 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX98357 Datasheet HTML 1Page - Maxim Integrated Products MAX98357 Datasheet HTML 2Page - Maxim Integrated Products MAX98357 Datasheet HTML 3Page - Maxim Integrated Products MAX98357 Datasheet HTML 4Page - Maxim Integrated Products MAX98357 Datasheet HTML 5Page - Maxim Integrated Products MAX98357 Datasheet HTML 6Page - Maxim Integrated Products MAX98357 Datasheet HTML 7Page - Maxim Integrated Products MAX98357 Datasheet HTML 8Page - Maxim Integrated Products MAX98357 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX98357A/MAX98357B
(WLP)
MAX98357 Development Board/
Evaluation System (WLP)
Shutdown Mode
The device features a low-power shutdown mode that is
activated by setting jumper SW1 to pins 2-3. To exit shut-
down mode, set SW1 to pins 1-2 and select the desired
stereo input channel using jumper JU2. See Table 4 for
shunt positions.
External/Internal VDDIO (+1.8V to +3.3V)
On the DEV board, a logic voltage from a control interface
is needed for proper selection of the stereo input channel
through SD_MODE. This voltage can be applied exter-
nally at the VDDIO test point or it can be provided from
circuitry on the MAXAUDINT001# board. See Table 5 for
JU4 jumper selection.
Other logic voltages can be used other than +3.3V. If you
want to use other logic voltages, resistors R3 and R4
must be adjusted. Refer to the SD_MODE and Shutdown
Operation section in the MAX98357 IC data sheet for
more information.
VDD Input Supply (+2.5V to +5.5V)
The device can accept an input supply from +2.5V to
+5.5V. This voltage can be applied externally at the
VDD and GND PCB pads, or it can be provided from the
MAXAUDINT001# board. See Table 6 for JU6 jumper
selection.
Audio Interface Board
(MAXAUDINT001# Board)
The MAXAUDINT001# board provides USB-to-I2S data
conversion, as well as DC regulators that can be used
to power the devices. The USB-to-I2S converter on the
MAXAUDINT001# board allows for any computer to
become an I2S digital audio source without requiring
additional driver installation. On the MAXAUDINT001#
board, set SW1 to “demo” and set the I2S switch to con-
nected to source audio by USB. This allows for a quick
evaluation from a single USB connection. Using the
MAXAUDINT001# board as a power supply for high-pow-
er evaluation is not recommended as the input current is
limited. For high-power evaluation, use an external supply
connected to VIN.
Driving I2S Directly
To drive I2S directly, apply signals at the BCLK, LRCLK,
and SDIN test points, or on the J3 header, or between J3
pins 1-2 at the appropriate locations (signal and ground
are labeled on the board).
Evaluating the MAX98357B
The MAX98357 DEV board comes with a MAX98357A
populated on the board, but can also be used to evaluate
the MAX98357B. To evaluate the MAX98357B, carefully
remove the MAX98357A (U1) device from the board and
replace with the MAX98357BEWL+. No other component
changes are required.
Table 5. JU4 Jumper Selection (VDDIO)
Table 6. JU6 Jumper Selection (VDD)
*Default position.
*Default position.
Table 4. SW1 Jumper Selection
*Default position.
SHUNT
POSITION
LOGIC VOLTAGE (VDDIO)
1-2*
3.3V supplied by the MAXAUDINT001#
board connected to J1 header.
2-3
User-supplied external power supply applied
at the VDDIO test point.
SHUNT
POSITION
INPUT VOLTAGE (VDD)
1-2*
VDD supplied from the MAXAUDINT001#
board connected to the J1 header.
2-3
User-supplied external power supply applied
at the VIN PCB pad.
SWITCH
POSITION
VDDIO
VOLTAGE
DEVICE
OPERATION
1-2*
VDDIO determined
by JU4 jumper
position
Normal
(input channel selected
through JU2 setting)
2-3
Connected to GND
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com