Electronic Components Datasheet Search
  English  ▼

X  

ICS853111BYT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS853111BYT
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111BYT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS853111BYT Datasheet HTML 1Page - Integrated Circuit Systems ICS853111BYT Datasheet HTML 2Page - Integrated Circuit Systems ICS853111BYT Datasheet HTML 3Page - Integrated Circuit Systems ICS853111BYT Datasheet HTML 4Page - Integrated Circuit Systems ICS853111BYT Datasheet HTML 5Page - Integrated Circuit Systems ICS853111BYT Datasheet HTML 6Page - Integrated Circuit Systems ICS853111BYT Datasheet HTML 7Page - Integrated Circuit Systems ICS853111BYT Datasheet HTML 8Page - Integrated Circuit Systems ICS853111BYT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
853111BY
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
2
Integrated
Circuit
Systems, Inc.
ICS853111B
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. CONTROL INPUT
FUNCTION TABLE
TABLE 3B. CLOCK INPUT FUNCTION TABLE
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
2L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
.
s
t
u
p
n
i
1
K
L
C
P
n
,
1
K
L
C
P
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
s
t
u
p
n
i
0
K
L
C
P
n
,
0
K
L
C
P
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
30
K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P.t
u
p
n
i
k
c
o
l
c
l
a
it
n
e
r
e
ff
i
d
g
n
it
r
e
v
n
i-
n
o
N
40
K
L
C
P
nt
u
p
n
In
w
o
d
ll
u
P
/
p
u
ll
u
P
.t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
it
n
e
r
e
ff
i
d
g
n
it
r
e
v
n
I
V
C
C
.
g
n
it
a
o
lf
tf
e
l
n
e
h
w
tl
u
a
f
e
d
2
/
5V
B
B
t
u
p
t
u
O.
e
g
a
tl
o
v
s
a
i
B
61
K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P.t
u
p
n
i
k
c
o
l
c
l
a
it
n
e
r
e
ff
i
d
g
n
it
r
e
v
n
i-
n
o
N
71
K
L
C
P
nt
u
p
n
In
w
o
d
ll
u
P
/
p
u
ll
u
P
.t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
it
n
e
r
e
ff
i
d
g
n
it
r
e
v
n
I
V
C
C
.
g
n
it
a
o
lf
tf
e
l
n
e
h
w
tl
u
a
f
e
d
2
/
8V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
it
a
g
e
N
2
3
,
5
2
,
6
1
,
9V
O
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
1
1
,
0
19
Q
,
9
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
3
1
,
2
18
Q
,
8
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
5
1
,
4
17
Q
,
7
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
8
1
,
7
16
Q
,
6
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
0
2
,
9
15
Q
,
5
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
2
2
,
1
24
Q
,
4
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
4
2
,
3
23
Q
,
3
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
7
2
,
6
22
Q
,
2
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
9
2
,
8
21
Q
,
1
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
1
3
,
0
30
Q
,
0
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
L
C
E
P
V
L
.r
i
a
p
t
u
p
t
u
o
l
a
it
n
e
r
e
ff
i
D
:
E
T
O
N
n
w
o
d
ll
u
P
d
n
a
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
it
s
ir
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
s
t
u
p
n
Is
t
u
p
t
u
O
e
d
o
M
t
u
p
t
u
O
o
t
t
u
p
n
Iy
t
i
r
a
l
o
P
x
K
L
C
Px
K
L
C
P
n9
Q
:
0
Q9
Q
:
0
Q
n
01
W
O
LH
G
I
Hl
a
it
n
e
r
e
ff
i
D
o
t
l
a
it
n
e
r
e
ff
i
Dg
n
it
r
e
v
n
I
n
o
N
10
H
G
I
HW
O
Ll
a
it
n
e
r
e
ff
i
D
o
t
l
a
it
n
e
r
e
ff
i
Dg
n
it
r
e
v
n
I
n
o
N
0
;
d
e
s
a
i
B
1
E
T
O
N
W
O
LH
G
I
Hl
a
it
n
e
r
e
ff
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
n
o
N
1
;
d
e
s
a
i
B
1
E
T
O
N
H
G
I
HW
O
Ll
a
it
n
e
r
e
ff
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
n
o
N
;
d
e
s
a
i
B
1
E
T
O
N
0H
G
I
HW
O
Ll
a
it
n
e
r
e
ff
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
;
d
e
s
a
i
B
1
E
T
O
N
1W
O
LH
G
I
Hl
a
it
n
e
r
e
ff
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
o
t
t
u
p
n
I
l
a
it
n
e
r
e
ff
i
D
e
h
t
g
n
ir
i
W
"
,
n
o
it
a
m
r
o
f
n
I
n
o
it
a
c
il
p
p
A
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
1
E
T
O
N
."
s
l
e
v
e
L
d
e
d
n
E
e
l
g
n
i
S
t
p
e
c
c
A
s
t
u
p
n
I
L
E
S
_
K
L
Ce
c
r
u
o
S
d
e
t
c
e
l
e
S
00
K
L
C
P
n
,
0
K
L
C
P
11
K
L
C
P
n
,
1
K
L
C
P
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
5
7kΩ
R
2
/
C
C
V
s
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
/
p
u
ll
u
P
0
5kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com