Electronic Components Datasheet Search
  English  ▼

X  

MAX5969D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5969D
Description  IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5969D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5969D Datasheet HTML 1Page - Maxim Integrated Products MAX5969D Datasheet HTML 2Page - Maxim Integrated Products MAX5969D Datasheet HTML 3Page - Maxim Integrated Products MAX5969D Datasheet HTML 4Page - Maxim Integrated Products MAX5969D Datasheet HTML 5Page - Maxim Integrated Products MAX5969D Datasheet HTML 6Page - Maxim Integrated Products MAX5969D Datasheet HTML 7Page - Maxim Integrated Products MAX5969D Datasheet HTML 8Page - Maxim Integrated Products MAX5969D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IEEE 802.3af/at-Compliant, Powered Device Interface
Controller with Integrated Power MOSFET
4 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = (VDD - VSS) = 48V, RDET = 24.9kω, RCLS = 615ω, and RSL = 60.4kω. RTN, WAD, PG, and 2EC unconnected, all voltages are
referenced to VSS, unless otherwise noted. TA = TJ = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.)
(Note 3)
Note 3: This device is 100% production tested at TA = +25NC. Limits over temperature are guaranteed by design.
Note 4: The input offset current is illustrated in Figure 1.
Note 5: Effective differential input resistance is defined as the differential resistance between VDD and VSS. See Figure 1.
Note 6: Classification current is turned off whenever the device is in power mode.
Note 7: UVLO hysteresis is guaranteed by design, not production tested.
Note 8: A 20V glitch on input voltage, which takes VDD below VON shorter than or equal to tOFF_DLY does not cause the
MAX5969D to exit power-on mode.
Note 9: In power mode, current-limit foldback is used to reduce the power dissipation in the isolation MOSFET during an overload
condition across VDD and RTN.
Figure 1. Effective Differential Input Resistance/Offset Current
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PG Sink Current
VRTN = 1.5V, VPG = 0.8V, during inrush
period
125
230
375
F
A
PG Off-Leakage Current
VPG = 60V
1
F
A
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
TSD
TJ rising
+140
N
C
Thermal-Shutdown Hysteresis
TJ falling
28
N
C
IIN
IINi + 1
IINi
IOFFSET
dRi
1V
VINi
VINi + 1
IOFFSET = IINi -
VINi
dRi
dRi =
(VINi + 1 - VINi)
=
1V
(IINi + 1 - IINi) (IINi + 1 - IINi)
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com