Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # LM4041
Description  Improved Precision Micropower Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4041 Datasheet(HTML) 6 Page - Maxim Integrated Products

  LM4041 Datasheet HTML 1Page - Maxim Integrated Products LM4041 Datasheet HTML 2Page - Maxim Integrated Products LM4041 Datasheet HTML 3Page - Maxim Integrated Products LM4041 Datasheet HTML 4Page - Maxim Integrated Products LM4041 Datasheet HTML 5Page - Maxim Integrated Products LM4041 Datasheet HTML 6Page - Maxim Integrated Products LM4041 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
High Temperature Operation
The maximum junction temperature of the LM4041 is
+150°C. The maximum operating temperature for the
LM4041_E_ is +125°C. At a maximum load current of
15mA and a maximum output voltage of 5V, the part
will dissipate 75mW of power. The power dissipation
limits of the 3-pin SC70 call for a derating value of
2.17mW/°C above +70°C and thus for 75mW of power
dissipation, the part will selfheat to 35.56°C above
ambient temperature. If the ambient temperature is
+125°C, the part operates at 159.56°C, thereby
exceeding the maximum junction temperature value of
+150°C. For high-temperature operation, care must be
taken to ensure the combination of ambient tempera-
ture, output power dissipation, and package thermal
resistance does not conspire to raise the device tem-
perature beyond that listed in the Absolute Maximum
Ratings. Either reduce the output load current or the
ambient temperature to keep the part within the limits.
Improved Precision Micropower
Shunt Voltage Reference
6
_______________________________________________________________________________________
Chip Information
TRANSISTOR COUNT: 60
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
3 SC70-3
X3-2
21-0075
3 SOT23-3
U3-1
21-0051



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com