Electronic Components Datasheet Search
  English  ▼

X  

2R-5 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2R-5
Description  gas discharge tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R-5 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R-5 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Soldering Parameters - Wave soldering (Thru-Hole Devices)
Wave Soldering Condition
Pb-Free assembly
Prehe
at
Temperature Min
100
°C
Temperature Max
150
°C
Time (Min to Max)
60-180 Seconds
Solder Pot Temperature
280
°C Max
Solder Dwell Time
2-5 Seconds
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Reflow Condition
Pb - Free assembly
Prehe
at
-Temperature Min (Ts(min))
150
°C
-Temperature Max (Ts(max))
200
°C
- Time (min to max) (ts)
60 -180 Seconds
Average ramp up rate ( Liquids Temp TL) to
peak
3
°C/second max
TS(max) to TL - Ramp-up Rate
5
°C/second max
Reflo
w
- Temperature (TL) (Liquids)
217
°C
- Time (min to max) (ts)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time within 5
°C of actual peak Temperature
(tp)
10 - 30 Seconds
Ramp-down Rate
6
°C/second max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Do not exceed
260
°C
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
Time(Seconds)
Preheat Time
Dwell Time
Cooling Time
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
2R-5 Series
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2016
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com