Electronic Components Datasheet Search
  English  ▼

X  

6AJ Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 6AJ
Description  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

6AJ Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  6AJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 6AJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 6AJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 6AJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 6AJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 6AJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6AJ Series 600W Transient Voltage Suppressor
DESCRIPTION:
TVS diodes can be used in a wide range of applications
which like consumer electronic products, automotive
industries, munitions, telecommunications, aerospace
industries, and intelligent control systems.
FEATURES:
Glass passivated or planner junction
Excellent clamping capability
Repetition rate (duty cycle): 0.01%
Typical IR less than 1μA above 10V.
Low profile package and low inductance
600W Peak Pulse power capability at 10×1000μs waveform.
Fast response time: typically less than 1.0ps from 0V to VBR min.
High temperature soldering: 260℃/10s at terminals.
Plastic package has Underwriters Laboratory Flammability 94V-0.
For surface mounted applications in order to optimize board space
ABSOLUTE MAXIMUM RATINGS(T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Storage temperature range
Tstg
-55 to +150
℃
Operating junction temperature range
Tj
-55 to +125
℃
Steady state power dissipation at TL=75℃
PM(AV)
5.0
W
Peak pulse power dissipation on 10/1000μs
waveform
PPP
600
W
Maximum Instantaneous ForwardVoltage at
50A for Unidirectional
VF
5.0
V
SMA
Symbol
Rev : 01.06.2014
www.leiditech.com
1/6
AEC-Q101 qualified.


Similar Part No. - 6AJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6AJ5 ETC-6AJ5 Datasheet
120Kb / 3P
PENTODE
JULY 1,1948
6AJ8 ETC2-6AJ8 Datasheet
187Kb / 4P
TRIODE-HEPTODE
More results

Similar Description - 6AJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6SMB LEIDITECH-P6SMB Datasheet
1Mb / 6P
600W Transient Voltage Suppressor
S-6AJ LEIDITECH-S-6AJ Datasheet
921Kb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com