Electronic Components Datasheet Search
  English  ▼

X  

ICS8422004I Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8422004I
Description  FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8422004I Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8422004I Datasheet HTML 1Page - Integrated Circuit Systems ICS8422004I Datasheet HTML 2Page - Integrated Circuit Systems ICS8422004I Datasheet HTML 3Page - Integrated Circuit Systems ICS8422004I Datasheet HTML 4Page - Integrated Circuit Systems ICS8422004I Datasheet HTML 5Page - Integrated Circuit Systems ICS8422004I Datasheet HTML 6Page - Integrated Circuit Systems ICS8422004I Datasheet HTML 7Page - Integrated Circuit Systems ICS8422004I Datasheet HTML 8Page - Integrated Circuit Systems ICS8422004I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
8422004AGI
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 14, 2005
3
Integrated
Circuit
Systems, Inc.
ICS8422004I
FEMTOCLOCKS™LVCMOS/CRYSTAL-TO-
LVHSTL FREQUENCY SYNTHESIZER
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
70°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
D
D
V
3
.
3
=2
V
D
D
3
.
0
+V
V
D
D
V
5
.
2
=7
.
1V
D
D
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
V
D
D
V
3
.
3
=3
.
0
-8
.
0V
V
D
D
V
5
.
2
=3
.
0
-7
.
0V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
R
M
,
K
L
C
_
T
S
E
T
,
1
L
E
S
_
F
,
0
L
E
S
_
F
L
E
S
_
L
A
T
X
n
,
L
E
S
_
L
L
P
n
V
D
D
V
=
N
I
V
5
6
4
.
3
=
V
5
.
2
r
o
0
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
R
M
,
K
L
C
_
T
S
E
T
,
1
L
E
S
_
F
,
0
L
E
S
_
F
L
E
S
_
L
A
T
X
n
,
L
E
S
_
L
L
P
n
V
D
D
,
V
5
.
2
r
o
V
5
6
4
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDO = 1.8V±0.2V,
TA = -40°C TO 85°C
TABLE 3C. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%
OR
2.5V±5%, V
DDO = 1.8V±0.2V,
TA = -40°C TO 85°C
TABLE 3B. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = 2.5V±5%, VDDO = 1.8V±0.2V,
TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
7
3
.
25
.
25
2
6
.
2V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
7
3
.
25
.
25
2
6
.
2V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
6
.
18
.
10
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
8A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
0
1A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
Od
a
o
L
o
N0
A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
6
.
18
.
10
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
9A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
0
1A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
Od
a
o
L
o
N0
A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com