Electronic Components Datasheet Search
  English  ▼

X  

07D180 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 07D180
Description  Metal Oxide Varistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

07D180 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  07D180 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 07D180 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 07D180 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 07D180 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 07D180 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
All data is subject to change,Please check our data sheets at
www.leiditech.com for updates.
The MOV-07DxxxK Series of 7 mm radial leaded varistor devices
protects against overvoltage transients such as lightning, power
contact and power induction. The metal oxide varistors offer a
choice of varistor voltages from 18 V to 820 V and Vrms voltages
from 11 V to 510 V.
The devices have a high current handling, high energy absorption
capability and fast response times to protect against transient
faults up to rated limits.
No Radioactive Material
Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +85ºC
Body: Nickel Plated
Leads: Surface-mount, Axial Devices: Tin
Plated
Devices with No Leads: Nickel Plated
Varistor>07D180~821KJ Series
Metal Oxide Varistors
MOV 01
• Transistor, diode, IC, thyristor or triac semiconductor protection.
• Surge protection in consumer electronics.
• Surge protection in industrial electronics.
• Surge protection in electronic home appliances, gas and
petroleum appliances.
• Relay and electromagnetic valve surge absorption.
• Wide operating voltage (V1mA) range from 8V to 1800V.
• Fast responding to transient over-voltage.
• Large absorbing transient energy capability.
• Low clamping ratio and no following-on current.
Applications
Features
General Information
Packaging Information
Product Name
General Characteristics
Part Number
Component package
Quantity
Packaging Option
Packaging Specification
7D
7.0
1000
BOX
2000
0
7
D
4
7
1
K
Disc Diameter
07=7MM
Type
D: Disk
S: Square
Nominal Varistor Voltage
471=47*101V
Varistor Voltage
Tolerance
K = 10 %
MOV


Similar Part No. - 07D180

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
07D180K RUILON-07D180K Datasheet
755Kb / 7P
Metal Oxide Varistors
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
Radial Lead Varistor (MOV)
logo
StarHope
07D180K SPSEMI-07D180K Datasheet
539Kb / 2P
Varistor Type MYG
logo
HuaXinAn Electronics CO...
07D180K HUAXINAN-07D180K Datasheet
229Kb / 3P
Metal Oxide Varistors
logo
HUAAN LIMITED
07D180K HUAAN-07D180K Datasheet
187Kb / 5P
07D Straight Leads
More results

Similar Description - 07D180

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com