Electronic Components Datasheet Search
  English  ▼

X  

10BJ Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 10BJ
Description  1000W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

10BJ Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  10BJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 10BJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 10BJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 10BJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 10BJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 10BJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
The seriesisdesignedspecifically
toprotectsensitiveelectronicequipment
fromvoltagetransientsinducedbylightning
andothertransientvoltageevents.
Features
◆
1000Wpeakpulsepowercapabilityat10x1000μswaveform,repetitionrate
(dutycycle):0.01%
◆
GlassPassivatedchipjunction
◆
Forsurfacemountedapplicationstooptimizeboardspace
◆
Lowprofilepackage
◆
Built-instrainrelief
◆
Lowincrementalsurgeresistance
◆
Excellentclampingcapability
◆
PlasticpackagehasULflammabilityclassification94V-O
◆
Fastresponsetime:typicallylessthan1.0psfrom0VoltstoBVmin
◆
TypicalIRlessthan1uAabove12V
◆
Hightemperaturesoldering:260°C/40secondsatterminals
◆
IEC-61000-4-2ESD15KV(Air),8KV(Contact)
◆
ESDprotectionofdatalinesinaccordancewithIEC61000-4-2(IEC801-2)
◆
EFTprotectionofdatalinesinaccordancewithIEC61000-4-4(IEC801-4)
10BJSeries 1000W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
1/6
10SMBJ


Similar Part No. - 10BJ

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
10BJ100A SHUNYE-10BJ100A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10BJ100CA SHUNYE-10BJ100CA Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10BJ10A SHUNYE-10BJ10A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10BJ10CA SHUNYE-10BJ10CA Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10BJ110A SHUNYE-10BJ110A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
More results

Similar Description - 10BJ

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
1000W Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1KSMB TSC-1KSMB Datasheet
237Kb / 6P
1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
1000W Surface Mount Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
1.0SMBJ5.0CA HUAXINAN-1.0SMBJ5.0CA Datasheet
431Kb / 5P
1000W Transient Voltage Suppressors
logo
FutureWafer Tech Co.,Lt...
SMB10J FUTUREWAFER-SMB10J Datasheet
1Mb / 12P
1000W Transient Voltage Suppression Diodes
15-JUL-2021 V 2.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com