Electronic Components Datasheet Search
  English  ▼

X  

20KP Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 20KP
Description  20KW Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

20KP Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  20KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
20KP216A
20KP216CA
216.0
2
241.30
259.20
5
348.0
57.5
20KP232A
20KP232CA
232.0
2
259.10
278.40
5
374.0
53.5
20KP240A
20KP240CA
240.0
2
268.10
288.00
5
387.0
51.7
20KP256A
20KP256CA
256.0
2
286.00
307.20
5
412.0
48.5
20KP280A
20KP280CA
280.0
2
312.80
336.00
5
451.0
44.3
20KP300A
20KP300CA
300.0
2
335.10
360.00
5
483.0
41.4
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
RATINGS AND V-I CHARACTERISTICS CURVES (T
A=25ºC, unless otherwise noted)
F IG .1:V - I cu rv e ch aracteristics
(U n i-d ire ctio n al)
F IG .2:V - I cu rv e ch aracteristics
(B i-d irectio n al)
IPP
V C V BR V R
V F
V
IPP
V C V BR V R
V
V C
V BR
V R
IR
IT
IR
IT
IPP
Rev :
www.leiditech.com
01.06.2014
3/5
20KP Series 20KW Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com