Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES63 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXREFDES63
Description  8-CHANNEL DIGITAL OUTPUT MICRO PLC CARD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES63 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXREFDES63 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES63 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES63 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES63 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES63 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES63 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Enlarge+
System Board 5976
MAXREFDES63#: 8-CHANNEL DIGITAL OUTPUT MICRO
PLC CARD
MAXREFDES63# System Board
Introduction
Industry 4.0 marks the fourth industrial revolution, characterized by distributed, intelligent
control systems. Breaking from a past with large, centralized programmable-logic
controllers, Industry 4.0 allows for highly configurable, highly modular factories, which
accept an ever increasing number of sensor inputs, while operating at a higher output than
ever before. The ultra-small PLC, or MicroPLC, lies at the heart of the Industry 4.0 factory,
providing high performance with ultra-low power consumption, in an ultra-small package.
MAXREFDES63# is Maxim Integrated’s Micro PLC octal-channel, digital output card.
The MAXREFDES63# reference design (Figure 1) features eight-channel digital outputs
with isolated power and data. The design integrates a 600VRMS data isolation
(MAX14850); a STM32F1 microcontroller; a FTDI USB-UART bridge; a high-efficiency DC
-DC converter (MAX17515); and isolated/regulated +22V, and +5V power rails
(MAX17498C). The entire system typically operates at less than 400mW and fits into a
space roughly the size of a credit card.
DETAILS
1
Page 1 of 6


Similar Part No. - MAXREFDES63

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXREFDES62 MAXIM-MAXREFDES62 Datasheet
410Kb / 8P
RS-485 COMMUNICATIONS MICRO PLC CARD
12/8/2014
MAXREFDES64 MAXIM-MAXREFDES64 Datasheet
366Kb / 6P
System Board
12/8/2014
MAXREFDES67 MAXIM-MAXREFDES67 Datasheet
906Kb / 15P
Isolated power and data
7/31/2015
More results

Similar Description - MAXREFDES63

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
ADS7852 TI1-ADS7852_14 Datasheet
387Kb / 19P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
WAGO Kontakttechnik Gmb...
750-537 WAGO-750-537 Datasheet
550Kb / 12P
8-channel digital output; 24 VDC; 0.5 A; Diagnostics
750-530 WAGO-750-530 Datasheet
453Kb / 12P
8-channel digital output; 24 VDC; 0.5 A
750-1506 WAGO-750-1506 Datasheet
574Kb / 13P
8-channel digital input/output; 24 VDC; 0.5 A
750-534 WAGO-750-534 Datasheet
509Kb / 12P
8-channel digital output; 12 VDC; 1 A
753-534 WAGO-753-534 Datasheet
525Kb / 11P
8-channel digital output; 12 VDC; 1 A
logo
Maxim Integrated Produc...
MAXREFDES62 MAXIM-MAXREFDES62 Datasheet
410Kb / 8P
RS-485 COMMUNICATIONS MICRO PLC CARD
12/8/2014
logo
Beckhoff Automation Gmb...
EL2008-0015 BECKHOFF-EL2008-0015 Datasheet
555Kb / 1P
8-Channel Digital Output Terminal 24 VDC, 0.35 A
Version: 1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com