Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES9 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXREFDES9
Description  3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES9 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXREFDES9 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Two digital voltmeters
Procedure
The Oceanside board is fully assembled and tested. Follow the steps below to verify board operation.
1. Place the shunt on jumper JU1 to the 1-2 position.
2. Connect the positive terminal of the power supply to the VIN connector.
3. Connect the negative terminal of the power supply to the GND1 connector.
4. Connect the positive terminal of the first voltmeter to the +15V connector.
5. Connect the negative terminal of the first voltmeter to the GND2 connector.
6. Connect the positive terminal of the second voltmeter to the -15V connector.
7. Connect the negative terminal of the second voltmeter to the GND2 connector.
8. Turn on the power supply.
9. Use the respective voltmeters to measure the corresponding positive and negative output voltages.
Lab Measurements
The Oceanside design was tested with two pairs of output voltage rails: ±15V and ±12V. Other voltage rails can
be achieved by modifying the resistor value ratios of R3/R4, R7/R9, and R8/R10. Equal loads on both rails were
used when testing the Oceanside design. Table 1 shows the maximum load for various setups. The maximum
load is recorded when the output voltage drops to 1% less than the designed output voltage. The power
efficiency (as shown in Figures 2 to 8) is calculated with the sum of the output power on both rails divided by
the input power.
For asymmetrical load applications, the maximum load can be larger for one rail and less for the other rail. To
achieve a larger maximum load, the user can increase the output voltage of the step-up controller, but the
efficiency will decrease due to the higher voltage drop across the LDO.
Table 1. Maximum Load for Test Setups
Input
Voltage (V)
Output
Rail (V)
Maximum Load (Equal Loads Applied to
Both Rails) (mA)
Efficiency at Maximum
Load (%)
3.3
±15
65
78
5
±15
70
79
12
±15
85
83
15
±15
90
86
3.3
±12
75
77
5
±12
80
78
12
±12
100
83
Page 3 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com