Electronic Components Datasheet Search
  English  ▼

X  

MAX11645 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11645
Description  MAXADClite Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11645 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11645 Datasheet HTML 1Page - Maxim Integrated Products MAX11645 Datasheet HTML 2Page - Maxim Integrated Products MAX11645 Datasheet HTML 3Page - Maxim Integrated Products MAX11645 Datasheet HTML 4Page - Maxim Integrated Products MAX11645 Datasheet HTML 5Page - Maxim Integrated Products MAX11645 Datasheet HTML 6Page - Maxim Integrated Products MAX11645 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAXADClite Evaluation Kit
4 ______________________________________________________________________________________
MAXADClite Extended Features
•
The ADC on the EV kit board can be selected for
internal or external reference mode. The internal
2.048V reference is the default configuration. The
external reference mode can be selected through
software. Apply an external voltage between 1V and
VDD at J5 (see Table 2).
•
TheinputrangeoftheEVkitsoftwareisselectable
between a unipolar 0 to VREF or ±VREF/2 differential
range. The input type is also software selectable
between two single-ended inputs or one differential
input. The default input configuration is single-end-
edunipolar.Indifferentialmode,theinputneedsto
beconnectedonboththeanaloginputs(AIN0and
AIN1)onJ3.RefertotheMAX11644/MAX11645IC
data sheet for more information.
•
TheEVkitboardprovidesanexternal5Vsupplyat
J6 to be used with any external circuit (see Table 3).
•
ThemicrocontrollerontheEVkitboardcanalsobe
programmed with custom firmware through the J2
JTAGconnector(seeTable4).
Table 2. MAXADClite Connector
J5 Description
Table 3. MAXADClite Connector
J6 Description
Table 4. MAXADClite Connector
J2 Description
*Not directly connected to VUSB. Shunt J4 is for VUSB.
J5 PIN NO.
LABEL
FUNCTION
1
VREF
External reference voltage input
to the ADC
2
AGND
Analog ground pin
J6 PIN NO.
LABEL
FUNCTION
1
VUSB
5V, 300mA supply for the external
circuit
2
GND
Digital ground pin
J2 PIN NO.
LABEL
FUNCTION
1
TCK
Test clock
2
GND
Digital ground pin
3
TDO
Test data output
4
+3V3
Supply voltage for reference only
5
TMS
Test mode select
6
RST
MAXQ610microcontrollerresetpin
7
N.C.
No connect
8
VUSB*
5VsupplyfortheJTAGdebug
adapter
9
TDI
Test data input
10
GND
Digital ground pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com