Electronic Components Datasheet Search
  English  ▼

X  

545233 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 545233
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

545233 Datasheet(HTML) 1 Page - Festo Corporation.

  545233 Datasheet HTML 1Page - Festo Corporation. 545233 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VMPA2-M1H-I-S-G1/8-PI
Part number: 545233
Data sheet
Feature
Value
Valve function
2x2/2 closed, monostable
Actuation type
Electrical
Valve size
20 mm
Standard nominal flow rate
650 l/min
Pneumatic working port
G1/8
Operating voltage
24V DC
Operating pressure
0.3 MPa ... 1 MPa
Operating pressure
3 bar ... 10 bar
Structural design
Piston gate valve
Reset method
Pneumatic spring
Certification
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Degree of protection
IP65
as per IEC 60529
Type code
VMPA2
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Non-reversible
Symbol
00991804
Lap
Overlap
Signal status display
yes
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Pilot pressure
3 bar ... 8 bar
Suitability for vacuum
no
Standard nominal flow rate with QS-8
650 l/min
Switching time off
25 ms
On switching time
7 ms
Max. positive test pulse with 0 signal
400 µs
Max. negative test pulse on 1 signal
900 µs
Permissible voltage fluctuations
+/- 25 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
10/18/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 545233

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452330 PHOENIX-5452330 Datasheet
98Kb / 3P
Printed-circuit board connector - BCH-350HF-19 BK
5452331 PHOENIX-5452331 Datasheet
98Kb / 3P
Printed-circuit board connector - BCH-350HF-20 BK
5452332 PHOENIX-5452332 Datasheet
98Kb / 3P
Printed-circuit board connector - BCH-381HF- 2 BK
5452333 PHOENIX-5452333 Datasheet
99Kb / 4P
Printed-circuit board connector - BCH-381HF- 3 BK
5452334 PHOENIX-5452334 Datasheet
99Kb / 4P
Printed-circuit board connector - BCH-381HF- 4 BK
More results

Similar Description - 545233

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com