Electronic Components Datasheet Search
  English  ▼

X  

4232 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 4232
Description  SPST CATV UltraCMOS??Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4232 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4232 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
Document No. 70-0054-03
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
RF1
RF2
CTRL
75
75
CMOS
Control
Driver
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Frequency1
DC
1300
MHz
Operating Power
On / Off
30/24
dBm
Insertion Loss
DC – 50 MHz
1000 MHz
0.5
0.75
0.65
1.0
dB
Isolation
DC – 50 MHz
1000 MHz
75
50
90
53
dB
Return Loss
5 - 1000 MHz
14
20
dB
Input 1 dB Compression2,4
1000 MHz
30
33
dBm
CTB / CSO
77 & 110 channels;
PO = 44 dBmV
-100
dBc
Input IP22
1000 MHz
80
dBm
Input IP32
1000 MHz
50
dBm
Video Feedthrough3
15
mVpp
Switching Time
2
µs
The PE4232 is a is a high-isolation Switch designed for CATV
applications, covering a broad frequency range from near DC
up to 1300 MHz. This single-supply SPST switch offers a
single-pin CMOS control interface with industry leading CTB
performance. It also provides low insertion loss, high isolation
and extremely low bias requirements while operating on a
single 3-volt supply. In a typical CATV application, the PE4232
provides for a cost effective and manufacturable solution vs.
mechanical relays.
The PE4232 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
SPST CATV UltraCMOS™ Switch
Product Description
Figure 1. Functional Diagram
PE4232
Features
• Non-reflective 75 Ω switch
• Integrated 0.25 watt terminations
• CTB performance of 100 dBc
• High isolation: 90 dB at 5 MHz,
53 dB at 1000 MHz
• Low insertion loss: 0.5 dB at 5 MHz,
0.75 dB at 1000 MHz
• High input IP2: 80 dBm
• CMOS/TTL single-pin control
• Single +3-volt supply operation
• Extremely low bias: 33 µA @ 3 V
Notes: 1. Device linearity will begin to degrade below 1 MHz.
2. Measured in a 50
Ω system.
3. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth.
4. Note Absolute Maximum ratings in Table 3.
Table 1. Electrical Specifications @ +25 °C (ZS = ZL = 75 Ω)
Figure 2. Package Type
6-lead DFN


Similar Part No. - 4232

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4232 FILTRONIC-4232 Datasheet
323Kb / 2P
POWER DIVDERS - TWO WAY, 1TO 18 GHZ
logo
API Technologies Corp
4232 APITECH-4232 Datasheet
180Kb / 2P
POWER DIVIDERS
4232 APITECH-4232 Datasheet
175Kb / 2P
POWER DIVIDERS
4232 APITECH-4232 Datasheet
175Kb / 2P
POWER DIVIDERS
4232 APITECH-4232 Datasheet
175Kb / 2P
POWER DIVIDERS
More results

Similar Description - 4232

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
SPST UltraCMOS??CATV Switch DC - 1300 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
SPDT CATV UltraCMOS Switch
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS Switch
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
SPDT CATV UltraCMOS Switch
PE42742 PSEMI-PE42742 Datasheet
326Kb / 10P
SPDT CATV UltraCMOS Switch
PE42750 PSEMI-PE42750 Datasheet
450Kb / 10P
SPDT CATV UltraCMOS Switch
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com