Electronic Components Datasheet Search
  English  ▼

X  

4243 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 4243
Description  SPDT UltraCMOS??RF Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4243 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  4243 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4243 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4243 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4243 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4243 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4243 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4243 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4243 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE4243
Page 5 of 8
Document No. 70-0096-02
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-1.5
-1.2
-0.9
-0.6
-0.3
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40°C
25°C
85°C
20
30
40
50
60
20
30
40
50
60
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-1.5
-1.2
-0.9
-0.6
-0.3
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40°C
25°C
85°C
Typical Performance Data @ -40 °C to 85 °C (Unless otherwise noted)
Figure 7. Input 1 dB Compression Point & IIP3
(Typical performance @ 25 °C)
Figure 9. Isolation – RFC to RF1
(Typical performance @ 25 °C)
Figure 8. Insertion Loss – RFC to RF2
Figure 6. Insertion Loss – RFC to RF1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com