Electronic Components Datasheet Search
  English  ▼

X  

G3L Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # G3L
Description  Glass Discharge Tube
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

G3L Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  G3L Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G3L
2.6 4.3
x
Φ
4.3 ± 0.2
28 ± 2.0
Ø 0.5
Ø 2.6±0.2
G3L140
G3L200
G3L300
G3L400
G3L500
G3L600
G3L101
140±30%
200±20%
300±20%
400±20%
500±20%
600±20%
1000±20%
≤
≤
≤
≤
500
600
900
1000
≥
≥
≥
≥
≥
≥
≥
100
100
100
100
100
100
100
≤
≤
≤
≤
≤
≤
≤
1
1
1
1
1
1
1
1.5KA
1.5KA
1KA
1KA
1KA
1KA
1KA
Catalog No
.
DC Spark Over
Voltage
100v s V
(/ )
Impulse Spark
Over Voltage
1kv μs V
(/ )
Insulation
Resistance
MΩ
Electrode
Capacitance
1MHz 0.5V PF
Impulse Discharge
Current (8/20μs
10 times)
-40°C ~ 85°C
Operating and Storage temperature
Packaging
:
《》。
.
。
ITU-T K.12 GB/T9043-2008
Reference executive standard: ITU-T K.12 GB/T9043-2008
General Technical Requirements of Gas Discharge Tubes for the
Over-voltage protection of telecommunications installations
1MHz,
0 5V
The electrode capacitance test frequency is 1MHz and test voltage is 0.5V.
,
,
《
》.
.
.
,
,
。
2500PCS/
25000PCS
Automaton taped 2500PCS per reel, 25000PCS per carton.
Glass Discharge Tube
-
-
-
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2014
1/1


Similar Description - G3L

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MGT MERITEK-MGT Datasheet
310Kb / 11P
Gas Discharge Tube
logo
Ruilongyuan Electronics...
3RB-6 RUILON-3RB-6 Datasheet
727Kb / 6P
Gas Discharge Tube
3RD-8 RUILON-3RD-8 Datasheet
725Kb / 6P
Gas Discharge Tube
logo
Bourns Electronic Solut...
2035-110-SM-RPLF BOURNS-2035-110-SM-RPLF Datasheet
225Kb / 2P
Gas Discharge Tube
logo
StarHope
GSM075L SPSEMI-GSM075L Datasheet
267Kb / 3P
Gas Discharge Tube
GSM075Q SPSEMI-GSM075Q Datasheet
314Kb / 3P
Gas Discharge Tube
GSP075F SPSEMI-GSP075F Datasheet
380Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
SPG67-141 LEIDITECH-SPG67-141 Datasheet
186Kb / 1P
Glass discharge tube
SMD4532-070NF LEIDITECH-SMD4532-070NF Datasheet
286Kb / 4P
Gas Discharge Tube
G3S LEIDITECH-G3S Datasheet
183Kb / 1P
Glass Discharge Tube
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com