Electronic Components Datasheet Search
  English  ▼

X  

K5000L Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # K5000L
Description  The sidac is a silicon bilateral voltage triggered switch with greater power-handling capabilities than standard diacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

K5000L Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  K5000L Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000L Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000L Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000L Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000L Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd K5000L Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The sidac is a silicon bilateral voltage triggered switch with greater power-handling
capabilities than standard diacs.Upon application of a voltage exceeding the sidac
breakover voltage point,the sidac switches on through a negative resistance region to a
low on-state voltage. Conduction continues until the current is interrupted or drops below
the minimum holding current of the device.
Sanyan’s offers a voltage range of 79V to 600V in DO-15,TO-92 ,SMA(DO214AC)or
SMB(DO-214AA) package.
Sanyan’s sidacs feature glass passivated junctions to ensure a rugged and dependable
device capable of withstanding harsh environments.
Variations of devices covered in this data sheet are available for custom design
applications. Consult the factory for more information.
Applications
Features
◆
High voltage lamp ignitors
●
AC circuit oriented
◆
Natural gas ignitors
●
Glass-passivated junctions
◆
Gas oil ignitors
●
High surge current capability
◆
High voltage power supplies
◆
Xenon ignitors
◆
Over voltae protector
◆
Fluorescent lighting ignitors
◆
HID surge current capability
K
L Series
www.leiditech.com
Rev :
01.09.2021
1/6


Similar Part No. - K5000L

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K5000 LEIDITECH-K5000 Datasheet
644Kb / 6P
High voltage lamp ignitors
More results

Similar Description - K5000L

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6407 NTE-NTE6407 Datasheet
18Kb / 2P
Bilateral Trigger Diodes (DIACS)
logo
Teccor Electronics
HT-32 TECCOR-HT-32 Datasheet
555Kb / 4P
Bilateral Trigger Diacs
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
silicon bilateral voltage triggered switch
logo
Littelfuse
K2400E70RP LITTELFUSE-K2400E70RP Datasheet
382Kb / 12P
The SIDAC is a silicon bilateral voltage triggered switch. Upon application of a voltage exceeding the SIDAC breakover voltage point, the SIDAC switches on through a negative...
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
Bilateral Voltage triggered Switch
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
Silicon Bilateral Voltage Triggered Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com