Electronic Components Datasheet Search
  English  ▼

X  

LM6.0CB Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM6.0CB
Description  TVS diodes can be used in a wide range of applications which like consumer electronic products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM6.0CB Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM6.0CB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6.0CB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6.0CB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6.0CB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM6.0CB
DESCRIPTION:
TVS diodes can be used in a wide range of applications
which like consumer electronic products, automotive
industries, munitions, telecommunications, aerospace
industries, and intelligent control systems.
FEATURES:
 Glass passivated or planar
 Excellent clamping capability
 Repetition rate (duty cycle): 0.01%
 Typical IR less than 1μA above 10V.
 Low profile package and low inductance
 600W Peak Pulse power capability at 10×1000
 Fast response time: typically less than 1.0ps from 0V to V
 High temperature soldering: 260
 Plastic package has Underwriters Laboratory Flammability 94V
 For surface mounted applications in order to optimize board space
ABSOLUTE MAXIMUM RATINGS
Parameter
Storage temperature range
Operating junction temperature range
Steady state power dissipation at T
Peak pulse power dissipation on 10/1000
waveform
Maximum Instantaneous Forward
50A for Unidirectional
iodes can be used in a wide range of applications
which like consumer electronic products, automotive
industries, munitions, telecommunications, aerospace
industries, and intelligent control systems.
ar junction
Excellent clamping capability
Repetition rate (duty cycle): 0.01%
A above 10V.
ow inductance
00W Peak Pulse power capability at 10×1000μs waveform.
Fast response time: typically less than 1.0ps from 0V to VBR min.
emperature soldering: 260℃/10s at terminals.
Plastic package has Underwriters Laboratory Flammability 94V-0.
For surface mounted applications in order to optimize board space
RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise
Symbol
Value
Tstg
-55
junction temperature range
Tj
-55
Steady state power dissipation at TL=75℃
PM(AV)
Peak pulse power dissipation on 10/1000μs
PPP
Maximum Instantaneous Forward Voltage at
VF
unless otherwise noted)
Value
Unit
to +125
℃
to +125
℃
5.0
W
600
W
5.0
V
SMB
Rev :
www.leiditech.com
1/4
 AEC-Q101 qualified.
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
LM6.0CB
6.0
100
6.57
7.27
10
9.6
80
01.04.2021


Similar Part No. - LM6.0CB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LM6-EWN1-03-N3 CREE-LM6-EWN1-03-N3 Datasheet
373Kb / 6P
SMD LED
LM6-PBL1-03-N1 CREE-LM6-PBL1-03-N1 Datasheet
306Kb / 5P
SMD LED
LM6-PBL1-3B-N1 CREE-LM6-PBL1-3B-N1 Datasheet
301Kb / 5P
SMD LED
LM6-PPG1-03-N1 CREE-LM6-PPG1-03-N1 Datasheet
308Kb / 5P
SMD LED
LM6-PPG1-3B-N1 CREE-LM6-PPG1-3B-N1 Datasheet
305Kb / 5P
SMD LED
More results

Similar Description - LM6.0CB

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG5C40 SANREX-TMG5C40 Datasheet
387Kb / 2P
Isolated mold triac suitable for wide range of applications like copier
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
Freescale Semiconductor...
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
Fork sensors for a wide range of applications
logo
STMicroelectronics
UM1479 STMICROELECTRONICS-UM1479 Datasheet
3Mb / 28P
The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
24-Apr-2012
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
A wide range of versatile products applicable for various types of control
logo
Shanghai Leiditech Elec...
SMAJ6.8CA LEIDITECH-SMAJ6.8CA Datasheet
909Kb / 5P
TVS diodes can be used in a wide range of applications which like consumer electronic products
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com