Electronic Components Datasheet Search
  English  ▼

X  

2199 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2199
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2199 Datasheet(HTML) 1 Page - Festo Corporation.

  2199 Datasheet HTML 1Page - Festo Corporation. 2199 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MCH-3-1/8
Part number: 2199
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Actuation type
Electrical
Standard nominal flow rate
160 l/min
Pneumatic working port
G1/8
Operating pressure
0 bar ... 7 bar
Structural design
Poppet valve with return spring
Reset method
Mechanical spring
Certification
c CSA us (OL)
Degree of protection
IP65
Nominal width
2.5 mm
Type code
MCH
Sealing principle
Soft
Manual override
Detenting
Type of control
Direct
Flow direction
Non-reversible
Symbol
00991308
Switching time off
13 ms
On switching time
12 ms
Duty cycle
100%
Coil characteristics
110 V AC: 50/60 Hz, initial power 30.0 VA, holding power 22.0 VA
110 V DC: 12.7 W
120 V AC: 60 Hz, initial power 30.0 VA, holding power 22.0 VA
12 V AC: 50 Hz, initial power 30.0 VA, holding power 22.0 VA
12 V DC: 11.7 W
220 V AC: 50/60 Hz, initial power 30.0 VA, holding power 22.0 VA
220 V DC: 15.0 W
240 V AC: 50 Hz, initial power 30.0 VA, holding power 22.0 VA
240 V DC: 17.9 W
24 V AC: 50 Hz, initial power 30.0 VA, holding power 22.0 VA
24 V DC: 11.0 W
380 V AC: 50/60 Hz, initial power 30.0 VA, holding power 22.0 VA
42 V AC: 50/60 Hz, initial power 30.0 VA, holding power 22.0 VA
42 V DC: 12.0 W
48 V AC: 50 Hz, initial power 30.0 VA, holding power 22.0 VA
96 V DC: 11.0 W
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Storage temperature
-40 °C ... 100 °C
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-5 °C ... 40 °C
Type of mounting
With through-hole
10/19/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 2199

ManufacturerPart #DatasheetDescription
logo
Heyco.
2199 HEYCO-2199 Datasheet
106Kb / 1P
Snap Bushings
logo
TE Connectivity Ltd
2199001-1 TEC-2199001-1 Datasheet
1Mb / 6P
Spring Fingers
2199070-4 TEC-2199070-4 Datasheet
1Mb / 1P
0.5MM FINE PITCH HERMAPHRODITIC (FPH) BOARD-TOBOARD CONNECTORS
2199119-1 TEC-2199119-1 Datasheet
1Mb / 5P
M.2 NGFF
08/18/2021 07:04PM
2199119-X TEC-2199119-X Datasheet
5Mb / 8P
M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 2199

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com