Electronic Components Datasheet Search
  English  ▼

X  

4450 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4450
Description  Air solenoid valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4450 Datasheet(HTML) 1 Page - Festo Corporation.

  4450 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air solenoid valve
MFH-3-M5
Part number: 4450
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Actuation type
Electrical
Standard nominal flow rate
58 l/min
Pneumatic working port
M5
Operating pressure
0 MPa ... 0.8 MPa
Operating pressure
0 bar ... 8 bar
Structural design
Plate seat
Reset method
Mechanical spring
Certification
c UL - Recognized (OL)
Nominal width
1.3 mm
Type code
MFH
Exhaust air function
Without flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Non-detenting
Type of control
Direct
Flow direction
Non-reversible
Symbol
00991308
Switching time off
16 ms
On switching time
9 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-15 °C ... 60 °C
Ambient temperature
-15 °C ... 40 °C
Type of mounting
With through-hole
Pneumatic connection 1
M5
Pneumatic connection 2
M5
Pneumatic connection 3
M5
10/19/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 4450

ManufacturerPart #DatasheetDescription
logo
Littelfuse
445001 LITTELFUSE-445001 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Wiha Tools
44501 WIHA-44501 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
44502 WIHA-44502 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
44503 WIHA-44503 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
44504 WIHA-44504 Datasheet
794Kb / 3P
Professional Quality ESD Tweezers
More results

Similar Description - 4450

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com