Electronic Components Datasheet Search
  English  ▼

X  

7960 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 7960
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

7960 Datasheet(HTML) 1 Page - Festo Corporation.

  7960 Datasheet HTML 1Page - Festo Corporation. 7960 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MFH-3-1/2-S
Part number: 7960
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Actuation type
Electrical
Width
52 mm
Standard nominal flow rate
3700 l/min
Pneumatic working port
G1/2
Operating voltage
Via solenoid coil, to be ordered separately
Operating pressure
-0.095 MPa ... 1 MPa
Operating pressure
-0.95 bar ... 10 bar
Structural design
Plate seat
Reset method
Mechanical spring
Certification
c UL us - Recognized (OL)
Degree of protection
IP65
Nominal width
14 mm
Width dimension
69 mm
Type code
MFH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Reversible
Symbol
00992879
Lap
Underlap
Pilot pressure MPa
0.1 MPa ... 0.8 MPa
Pilot pressure
1 bar ... 8 bar
b-value
0.3
Switching time off
90 ms
On switching time
18 ms
Max. positive test pulse with 0 signal
2200 µs
Max. negative test pulse on 1 signal
3700 µs
Coil characteristics
See solenoid coil, to be ordered separately
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-20 °C ... 60 °C
10/19/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 7960

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
79600 AMPHENOL-79600 Datasheet
84Kb / 1P
TNC Jacks
logo
Wixroyd Group Ltd
79600 WIXROYD-79600 Datasheet
414Kb / 2P
Panel Handles
79600.W0114-1 WIXROYD-79600.W0114-1 Datasheet
414Kb / 2P
Panel Handles
79600.W0114-4 WIXROYD-79600.W0114-4 Datasheet
414Kb / 2P
Panel Handles
79600.W0119-1 WIXROYD-79600.W0119-1 Datasheet
414Kb / 2P
Panel Handles
More results

Similar Description - 7960

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com