Electronic Components Datasheet Search
  English  ▼

X  

1815293 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1815293
Description  Base strip - PTSM 0,5/ 5-HV-2,5-THR WH R32
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1815293 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1815293 Datasheet HTML 1Page - PHOENIX CONTACT 1815293 Datasheet HTML 2Page - PHOENIX CONTACT 1815293 Datasheet HTML 3Page - PHOENIX CONTACT 1815293 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1815293
1/30/14   Page 1 / 4
Base strip - PTSM 0,5/ 5-HV-2,5-THR WH R32 - 1815293
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 6 A, Rated voltage (III/2): 250 V, Number of positions: 5, Pitch: 2.5 mm, Color: White,
Contact surface: Tin, Assembly: SMD/THT/THR
Key commercial data
Packing unit
1 pc
Minimum order quantity
330 pc
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
5 mm
Height
7.5 mm
Pitch
2.5 mm
Dimension a
10 mm
Pin dimensions
0,6 x 0,6 mm
Pin spacing
2.50 mm
Hole diameter
1.1 mm
General
Range of articles
PTSM 0,5/..-HV-THR
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
125 V
Rated voltage (III/2)
250 V


Similar Part No. - 1815293

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1815290000 WEIDMULLER-1815290000 Datasheet
166Kb / 3P
ZP 2.5/1AN/QV/11
More results

Similar Description - 1815293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1778573 PHOENIX-1778573 Datasheet
131Kb / 4P
PTSM 0,5/ 4-HV-2,5-THR R32
1778586 PHOENIX-1778586 Datasheet
129Kb / 4P
PTSM 0,5/ 5-HV-2,5-THR R32
1778599 PHOENIX-1778599 Datasheet
131Kb / 4P
PTSM 0,5/ 6-HV-2,5-THR R32
1815264 PHOENIX-1815264 Datasheet
80Kb / 4P
Base strip - PTSM 0,5/ 2-HV-2,5-THR WH R32
1815277 PHOENIX-1815277 Datasheet
80Kb / 4P
Base strip - PTSM 0,5/ 3-HV-2,5-THR WH R32
1814870 PHOENIX-1814870 Datasheet
84Kb / 4P
Header - PTSM 0,5/ 5-HH-2,5-THR WH R32
1815280 PHOENIX-1815280 Datasheet
80Kb / 4P
Base strip - PTSM 0,5/ 4-HV-2,5-THR WH R32
1815303 PHOENIX-1815303 Datasheet
79Kb / 4P
Base strip - PTSM 0,5/ 6-HV-2,5-THR WH R32
1815316 PHOENIX-1815316 Datasheet
79Kb / 4P
Base strip - PTSM 0,5/ 7-HV-2,5-THR WH R44
1815329 PHOENIX-1815329 Datasheet
80Kb / 4P
Base strip - PTSM 0,5/ 8-HV-2,5-THR WH R44
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com