Electronic Components Datasheet Search
  English  ▼

X  

ZXTP2041F Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXTP2041F
Description  SOT23 40 volt PNP silicon planar medium power transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2041F Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXTP2041F Datasheet HTML 1Page - Zetex Semiconductors ZXTP2041F Datasheet HTML 2Page - Zetex Semiconductors ZXTP2041F Datasheet HTML 3Page - Zetex Semiconductors ZXTP2041F Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZXTP2041F
Issue 3 - November 2005
3
www.zetex.com
© Zetex Semiconductors plc 2005
Electrical characteristics (@TAMB = 25°C)
Parameter
Symbol
Min.
Max.
Unit
Conditions
Collector-base breakdown
voltage
V(BR)CBO
-40
V
IC=-100 A
Collector-emitter breakdown
voltage
V(BR)CEO
-40
V
IC=-10mA
*
NOTES:
* Measured under pulsed conditions. Pulse width=300
S. Duty cycle
2%
Spice parameter data is available upon request for this device
Emitter-base breakdown
voltage
V(BR)EBO
-5
V
IE=-100 A
Collector-emitter cut-off current
ICES
-100
nA
VCE=-30V
Collector-base cut-off current
ICBO
-100
nA
VCB=-30V
Emitter-base cut-off current
IEBO
-100
nA
VEB=-4V
Static forward current transfer
ratio
hFE
300
300
250
160
30
800
IC=-1mA, VCE=-5V
IC=-100mA, VCE=-5V
*
IC=-500mA, VCE=-5V
*
IC=-1A, VCE=-5V
*
IC=-2A, VCE=-5V
*
Collector-emitter saturation
voltage
VCE(sat)
-0.2
-0.3
-0.5
V
V
V
IC=-100mA, IB=-1mA
*
IC=-500mA, IB=-20mA
*
IC=-1A, IB=-100mA
*
Base-emitter saturation voltage
VBE(sat)
-1.1
V
IC=-1A, IB=-50mA
*
Base-emitter turn-on voltage
VBE(on)
-1.0
V
IC=-1A, VCE=-5V
*
Transition frequency
fT
150
IC=-50mA, VCE=-10V
f=100MHz
Output capacitance
Cobo
10
pF
VCB=-10V, f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com