Electronic Components Datasheet Search
  English  ▼

X  

UG5613 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # UG5613
Description  Corona (MAXREFDES12#) Nexys 3 Quick Start Guide
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

UG5613 Datasheet(HTML) 3 Page - Maxim Integrated Products

  UG5613 Datasheet HTML 1Page - Maxim Integrated Products UG5613 Datasheet HTML 2Page - Maxim Integrated Products UG5613 Datasheet HTML 3Page - Maxim Integrated Products UG5613 Datasheet HTML 4Page - Maxim Integrated Products UG5613 Datasheet HTML 5Page - Maxim Integrated Products UG5613 Datasheet HTML 6Page - Maxim Integrated Products UG5613 Datasheet HTML 7Page - Maxim Integrated Products UG5613 Datasheet HTML 8Page - Maxim Integrated Products UG5613 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Corona (MAXREFDES12#) Nexys 3 Quick Start Guide
3
1. Required Equipment
• PC with Windows® OS with Xilinx® ISE®/SDK version 13.4 or later and one
USB port
• License for Xilinx EDK/SDK version 13.4 or later
• Corona (MAXREFDES12#) board
• Nexys™3 development kit
• One 24V 1A DC power supply
2. Overview
Below is a high-level overview of the steps required to quickly get the Corona design
running by downloading and running the FPGA project. Detailed instructions for each
step are provided in the following pages. The Corona (MAXREFDES12#) subsystem
reference design will be referred to as Corona throughout this document.
1) Connect the Corona board to the JA1 port of a Nexys 3 development kit as
shown in Figure 1. Ensure the connector is aligned as shown in Figure 2.
2) Download the latest RD12V01_00.ZIP file located at the Corona page.
3) Extract the RD12V01_00.ZIP file to a directory on your PC.
4) Open the Xilinx SDK.
5) Download the bitstream (.BIT) file to the board. This bitstream contains the FPGA
hardware design and software bootloader.
6) Use Xilinx SDK to download and run the executable file (.ELF) on the
MicroBlaze™.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com