Electronic Components Datasheet Search
  English  ▼

X  

MAX6310 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6310
Description  Supervisory Circuit Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6310 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6310 Datasheet HTML 1Page - Maxim Integrated Products MAX6310 Datasheet HTML 2Page - Maxim Integrated Products MAX6310 Datasheet HTML 3Page - Maxim Integrated Products MAX6310 Datasheet HTML 4Page - Maxim Integrated Products MAX6310 Datasheet HTML 5Page - Maxim Integrated Products MAX6310 Datasheet HTML 6Page - Maxim Integrated Products MAX6310 Datasheet HTML 7Page - Maxim Integrated Products MAX6310 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Supervisory Circuit Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
Before you begin, you will need the following equip-
ment:
• A 1V to 5.5V variable DC power supply
• A voltmeter
• A trimmer potentiometer adjustment tool (small
flat-blade screwdriver)
Table 1 lists the features that can be emulated by the
SUPEVKIT. Refer to the corresponding device’s data
sheet to look up the specifications for these features.
To configure the supervisory circuit, take the following
steps:
1) Install jumpers JU2–JU5 in the positions listed in
Table 1.
Example: For the MAX6320PUK33BX-T, the jumper
settings are JU2 = 2-3, JU3 = open, JU4 = closed,
and JU5 = closed.
2) Set the reset timeout period, referring to Table 2 to
determine which trace (if any) needs to be cut.
Example: For the MAX6320PUK33BX-T, the reset
timeout period is 20ms, so it is necessary to cut the
trace between C5 and C6.
3) If the selected supervisory circuit has a watchdog
timeout feature, consult Table 3 to determine which
capacitor value to use for C2 and which position to
use for jumper JU1.
Example: For the MAX6320PUK33BX-T, the watch-
dog timeout period is 71ms. Use a value of 0.039µF
for capacitor C2. Jumper JU1 should be in the 2-3
position.
4) Turn on the power supply and connect it to the volt-
meter. Set the power-supply voltage to the desired
reset threshold voltage. The accuracy of the trip
threshold is determined by the accuracy of the volt-
meter.
Example: For the MAX6320PUK33BX-T, set the
power supply to 3.30V.
5) Connect the power supply to the SUPEVKIT at the
pads labeled VCC and GND. The SUPEVKIT oper-
ates from +1V to +5.5V. The supply voltage must
not exceed +5.5V.
6) Connect the voltmeter to the pads labeled TP and
GND.
7) Turn potentiometer R18 clockwise until the volt-
meter reading goes high (approximately equal to
VCC). Then slowly turn potentiometer R18 counter-
clockwise until the voltmeter reading decreases
to 0. The reset threshold voltage on the SUPEVKIT
is now set.
8) Connect the SUPEVKIT to the test circuit, using the
device inputs and outputs listed in Table 1.
Example: The MAX6320PUK33BX-T uses pads MR,
WDI, and RESETOD.
Detailed Description
Watchdog Circuit
A watchdog circuit consists of an input (WDI) and an
output (RESET). If WDI is not toggled within the watch-
dog timeout period (which is a predetermined amount
of time), then a RESET is issued. Disable the watchdog
function by installing jumper JU3.
Capacitor C2 selects the watchdog timeout period. To
choose a value for this capacitor, refer to Table 3 or use
the following formula:
C2 = tWD / 2.67
where tWD is the watchdog timeout period in µs and C2
is in pF.
The SUPEVKIT features two modes of watchdog timer
operation: normal mode and extended mode. In normal
mode (JU1 = 2-3), the formula shown above deter-
mines the watchdog timeout period. In extended mode
(JU1 = 1-2), the watchdog timeout (tWD) is multiplied by
a factor of 500.
Note: In extended mode operation, leaving pad WDI
floating disables the watchdog feature.
Reset Outputs
The SUPEVKIT has five reset outputs: active-low
push/pull (RESET), active-low bidirectional (RESETBD),
active-low open-drain (RESETOD), active-high push/pull
(RESET), and active-high open-drain (RESETOD).
These outputs are valid down to VCC = 1V. The reset
timeout period is the amount of time RESET is asserted
after VCC rises above the reset threshold voltage.
Capacitors C1, C5, C6, and C7 set the reset timeout
period. The SUPEVKIT comes with the period set at
1120ms. To change the period to either 1ms, 20ms, or
140ms, cut a PC board trace as specified in Table 2.
The bidirectional reset output of the SUPEVKIT is valid
only for reset threshold voltages down to 2.63V.
Undervoltage Setup
Potentiometer R18 sets the undervoltage reset thresh-
old. To enable the undervoltage reset feature, install the
jumpers in the positions specified in Table 4. Use a volt-
meter to set the power-supply voltage to the desired trip



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com