Electronic Components Datasheet Search
  English  ▼

X  

REFD5815 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # REFD5815
Description  Palo Verde (MAXREFDES33#): Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5815 Datasheet(HTML) 1 Page - Maxim Integrated Products

  REFD5815 Datasheet HTML 1Page - Maxim Integrated Products REFD5815 Datasheet HTML 2Page - Maxim Integrated Products REFD5815 Datasheet HTML 3Page - Maxim Integrated Products REFD5815 Datasheet HTML 4Page - Maxim Integrated Products REFD5815 Datasheet HTML 5Page - Maxim Integrated Products REFD5815 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Maxim > Design Support > Technical Documents > Reference Schematics > Power-Supply Circuits > APP 5815
Keywords: 4-20mA current loops, HVAC and building control, high-voltage LDO replacement, general-purpose point-of-load
REFERENCE SCHEMATIC 5815
Palo Verde (MAXREFDES33#): Step-Down Converter
Feb 27, 2014
Abstract: The Palo Verde reference design (MAXREFDES33#) is a high-efficiency, high-voltage, synchronous step-down DC-
DC converter with integrated MOSFETs operating over a 4.5V to 60V input voltage range and delivering output current up to
300mA at 3.3V. Test results and hardware files provide complete documentation for designs. The board is also available for
purchase.
Introduction
The Palo Verde (MAXREFDES33#) subsystem
reference design (Figure 1) demonstrates the
application of the MAX15062A 60V, 300mA ultra-
small, high-efficiency, synchronous step-down
converter. The reference design operates over a wide
4.5V to 60V input voltage range, and provides up to
300mA at 3.3V output. The device features
undervoltage lockout, overcurrent protection, and
thermal shutdown. The MAX15062A switches at a
fixed frequency of 500kHz, and delivers a peak
efficiency of 86.77% with the supplied components
when the input is 24V. This general-purpose power
solution can be used in many different types of power applications, such as 4–20mA current loops, HVAC and building
control, high-voltage LDO replacement, general-purpose point-of-load, etc. In this reference design, the MAX15062 performs
in 24V input applications, such as industrial sensors, process control, etc.
Page 1 of 6


Similar Part No. - REFD5815

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REFD5817 MAXIM-REFD5817 Datasheet
745Kb / 10P
Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
Jan 30, 2014
REFD5819 MAXIM-REFD5819 Datasheet
998Kb / 11P
Santa Cruz (MAXREFDES23#): IO-Link Light Sensor
Feb 14, 2014
More results

Similar Description - REFD5815

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
Step-Down Converter
Rev 2; 3/14
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
Step-Down Converter
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
TPS65000 TI1-TPS65000_15 Datasheet
2Mb / 40P
Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
Step Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
Step-Down Converter
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
Step-Down Converter
logo
Bookly Micro electronic
BM1410A BOOKLY-BM1410A Datasheet
515Kb / 8P
Step-Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com