Electronic Components Datasheet Search
  English  ▼

X  

REFD5562 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # REFD5562
Description  Campbell (MAXREFDES4#): 16-Bit High-Accuracy 4-20mA Input Isolated Analog Front End (AFE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5562 Datasheet(HTML) 1 Page - Maxim Integrated Products

  REFD5562 Datasheet HTML 1Page - Maxim Integrated Products REFD5562 Datasheet HTML 2Page - Maxim Integrated Products REFD5562 Datasheet HTML 3Page - Maxim Integrated Products REFD5562 Datasheet HTML 4Page - Maxim Integrated Products REFD5562 Datasheet HTML 5Page - Maxim Integrated Products REFD5562 Datasheet HTML 6Page - Maxim Integrated Products REFD5562 Datasheet HTML 7Page - Maxim Integrated Products REFD5562 Datasheet HTML 8Page - Maxim Integrated Products REFD5562 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
More detailed image (2MB)
Maxim > Design Support > Technical Documents > Sub-System Boards > APP 5562
Keywords: Campbell, MAXREFDES4, subsystem reference design, analog front end, AFE, industrial sensors,
isolated power and data, industrial automation, 4-20mA, current loop, PLC, medical
SUB-SYSTEM BOARD 5562
Campbell (MAXREFDES4#): 16-Bit High-Accuracy 4-
20mA Input Isolated Analog Front End (AFE)
Jan 16, 2013
Abstract: This document explains how the Campbell (MAXREFDES4#) subsystem reference design meets the
higher resolution and isolation needs of industrial control and industrial automation applications. Hardware and
firmware design files as well as FFTs and histograms from lab measurements are provided.
Introduction
In industrial control and industrial
automation applications, high-resolution
data converters are often required.
Although today's field programmable gate
arrays (FPGAs) and microcontrollers may
integrate analog-to-digital converters
(ADCs), in many cases, the resolution is
not high enough and isolation is lacking.
The Campbell (MAXREFDES4#) subsystem reference design is a 16-bit high-accuracy industrial analog front
end (AFE) that accepts a 4–20mA current loop or a 0.2V to 4.096V voltage input signal, and features isolated
power and data—all integrated into a small form factor. The Campbell design integrates a precision low-noise
buffer (MAX44250), a high-accuracy ADC (MAX11100), an ultra-high-precision 4.096V voltage reference
(MAX6126), 600VRMS data isolation (MAX14850), and isolated/regulated 5V power rails (MAX256/MAX1659).
This AFE solution can be used in any application that needs high-accuracy analog-to-digital conversion, but it is
mainly targeted for industrial sensors, industrial automation, process control, programmable logic controllers
(PLCs), and medical applications.
Page 1 of 10


Similar Part No. - REFD5562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
More results

Similar Description - REFD5562

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
Facsimile/Data Modem Analog Front End (AFE)
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
Battery Protection Analog Front End (AFE) IC
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
Battery Protection Analog Front End (AFE) IC
logo
Intersil Corporation
ISL51002 INTERSIL-ISL51002 Datasheet
357Kb / 32P
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
December 22, 2006
ISL98003 INTERSIL-ISL98003 Datasheet
352Kb / 31P
8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
September 25, 2008
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Analog Devices
DAC1423 AD-DAC1423_15 Datasheet
2Mb / 6P
4-20MA 10 BIT ISOLATED DIGITAL TO ANALOG CONVERTER
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
638Kb / 33P
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com