Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES4 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXREFDES4
Description  Campbell (MAXREFDES4#): 16-Bit High-Accuracy 4-20mA Input Isolated Analog Front End (AFE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES4 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXREFDES4 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES4 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES4 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES4 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES4 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES4 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES4 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES4 Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES4 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Table 2. Supported Platforms and Ports
Supported Platforms
Port
Nexys™ 3 Platform (Spartan®-6)
JB1
ZedBoard™ platform (Zynq®-7020)
JA1
The Campbell subsystem is best suited for a high-accuracy 4–20mA current loop or a 0.2V to 4.096V input
voltage analog-to-digital data acquisition system. The hardware design provides both isolated power (MAX256)
and isolated data (MAX14850).
The MAX44250 op amp (U1) input circuit buffers a 4–20mA current-loop sense voltage on a 200Ω load resistor
(with JU2 closed) or a 0.2V to 4.096V (with JU2 open) voltage signal.
The MAX11100 (U2) is a 16-bit, successive-approximation register (SAR) ADC with AutoShutdown™ and fast
1.1µs wake-up features. The ADC's reference input is driven by the MAX6126 ultra-high-precision 4.096V
voltage reference (U3) with 0.02% initial accuracy and a 3ppm/°C maximum temperature coefficient (tempco).
The MAX256 (U4) provides an isolated, functional insulation class power solution that accepts 3.3V and
converts it to 12V using an off-the-shelf TGM-H281NF Halo® transformer with a 1:2.6 primary to secondary
turns ratio plus an external on-board voltage-doubler circuit. Post-regulation is accomplished using the
MAX1659 low dropout (LDO) regulators (U5 for a 12V output, U6 for an analog 5V output, and U8 for a digital
5V output). Data isolation is accomplished using the MAX14850 (U5) digital data isolator. The combined power
and data isolation achieved is 600VRMS.
To use the on-board isolated power supplies, move the shunt on jumper JU3 to the 1–2 position and move the
shunt on jumper JU4 to the 2–3 position. If power isolation is not required, an external 12V DC power supply
can be used. Move the shunt on jumper JU3 to the 2–3 position and move the shunt on jumper JU4 to the 1–2
position. Connect the ground terminal of the external power supply to the GND2 connector. Connect the 12V
DC power supply to the EXT_V connector. See Table 1 for the jumper settings and the input current
requirements.
Detailed Description of Firmware for Nexys 3 Platform
The Campbell firmware design was initially released for the Nexys 3 development kit and targeted a
MicroBlaze™ soft core microcontroller placed inside a Xilinx® Spartan-6 FPGA. Support for additional platforms
may be added periodically under Firmware Files in the All Design Files section. The currently supported
platforms and ports are shown in Table 2.
The firmware is a working example of how to interface to the hardware, collect samples, and save them to
memory. The simple process flow is shown in Figure 2a. The firmware is written in C using the Xilinx SDK tool,
which is based on the Eclipse™ open source standard. Custom Campbell-specific design functions were
created utilizing the standard Xilinx XSpi core version 3.03a. The SPI clock frequency is set to 3.125MHz.
Page 3 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com